Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8820AS Datasheet(PDF) 2 Page - Exar Corporation

Part # MP8820AS
Description  8-Bit Analog-to-Digital Converter with an 8-Channel MUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8820AS Datasheet(HTML) 2 Page - Exar Corporation

  MP8820AS Datasheet HTML 1Page - Exar Corporation MP8820AS Datasheet HTML 2Page - Exar Corporation MP8820AS Datasheet HTML 3Page - Exar Corporation MP8820AS Datasheet HTML 4Page - Exar Corporation MP8820AS Datasheet HTML 5Page - Exar Corporation MP8820AS Datasheet HTML 6Page - Exar Corporation MP8820AS Datasheet HTML 7Page - Exar Corporation MP8820AS Datasheet HTML 8Page - Exar Corporation MP8820AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP8820
2
Rev. 1.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
SOIC
–40 to +85
°C
MP8820AS
SSOP
–40 to +85
°C
MP8820AQ
PIN CONFIGURATIONS
See Packaging Section for
Package Dimensions
28 Pin SOIC (0.300”) – S28
28 Pin SSOP – A28
28
1
15
14
2
3
4
5
6
7
17
16
8
9
19
18
10
11
23
22
21
20
27
26
25
24
12
13
A1
A2
VDD
AIN1
VDD
VDD
GND
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
A0
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
WR
TEST
VREF(–)
VREF(+)
VMID
PIN OUT DEFINITIONS
1
A1
Analog Input Mux Address Bit 1
2
A2
Analog Input Mux Address Bit 2
3VDD
Positive Power Supply (5 V)
4AIN0
Analog Input 0
5VDD
Positive Power Supply (5 V)
6VDD
Positive Power Supply (5 V)
7
GND
Negative power supplies (0V)
8AIN1
Analog Input 1
9AIN2
Analog Input 2
10
AIN3
Analog Input 3
11
AIN4
Analog Input 4
12
AIN5
Analog Input 5
13
AIN6
Analog Input 6
14
AIN7
Analog Input 7
15
VMID
System Reference
PIN NO.
NAME
DESCRIPTION
16
VREF(+)
Reference Voltage + Input
Terminal
17
VREF(–)
Reference Voltage – Input
Terminal.
18
DB7 (MSB)
Data Output Bit 7
19
DB6
Data Output Bit 6
20
DB5
Data Output Bit 5
21
DB4
Data Output Bit 4
22
TEST
Test Mode Pin
23
WR
Sample Window Control
24
DB3
Data Output Bit 3
25
DB2
Data Output Bit 2
26
DB1
Data Output Bit 1
27
DB0
Data Output Bit 0
28
A0
Analog Input Mux Address Bit 0
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com