Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8820AS Datasheet(PDF) 7 Page - Exar Corporation

Part # MP8820AS
Description  8-Bit Analog-to-Digital Converter with an 8-Channel MUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8820AS Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP8820AS Datasheet HTML 3Page - Exar Corporation MP8820AS Datasheet HTML 4Page - Exar Corporation MP8820AS Datasheet HTML 5Page - Exar Corporation MP8820AS Datasheet HTML 6Page - Exar Corporation MP8820AS Datasheet HTML 7Page - Exar Corporation MP8820AS Datasheet HTML 8Page - Exar Corporation MP8820AS Datasheet HTML 9Page - Exar Corporation MP8820AS Datasheet HTML 10Page - Exar Corporation MP8820AS Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP8820
7
Rev. 1.00
tAP
tWR
Figure 5. Analog Timing Diagram
tMSU
AIN1
AIN2
AIN8
Inside the ADC is a series of comparators that sample the
analog input and compare it against a resistor tap voltage. A
state machine generates the internal clocks necessary to con-
trol the comparators,
φc (CLK high) and φs (CLK low = sample).
See
Figure 6. The rising edge of the CLK input marks the end of
the sampling phase,
φs. On φs, the analog input voltage is
sampled and stored across capacitor C1. The switches con-
trolled by
φs are opened prior to the compare which is done on
clock phase
φc. The voltage stored on the capacitor is then
equal to VBAL + (VIN – VTAP). This voltage will force the inverter
high or low and the result is latched.
Figure 6. Comparator Block Diagram
VIN
φS
φC
C1
φS
φC
Latch
VTAP
The analog to digital conversion happens in four phases.
During the first phase, the analog input is sampled. During the
second phase, this input is compared against the reference lad-
der to determine the MSBs. After the MSBs are determined, a
subrange is set for phase three, the conversion of the LSBs.
Once all the bits have been derived, the MP8820 performs a
correction. The valid data is then ready at the output. The timing
diagram is shown in
Figure 7.
Figure 7. Internal ADC Timing Diagram
φSN
φSN+1
φCMSBs
φCLSBs
φCORR
Data Sample N-1
Data Sample N
Sample
Compare
MSBs
Compare
LSBs
Correction
Data
The input mux operates as a standard 8 to 1 decoder. One of
eight analog inputs is selected depending on the condition of the
address pins A0, A1, and A2. The mux can change address af-
ter a time equal to tAP following the rising edge of WR. The ad-
dress should be held constant for at least 150 ns before the ris-
ing edge of WR.
Function
WR
XINT
A0
A1
A2
Start AIN tracking
↓
1
X
X
X
Sample AIN
↑
1
X
X
X
Start Convert
↑
1
X
X
X
Conversion Complete
1
↓
X
X
X
Enable Output Data
X
0
X
X
X
Select Input AIN1
X
X
0
0
0
Select Input AIN2
X
X
0
0
1
Select Input AIN3
X
X
0
1
0
Select Input AIN4
X
X
0
1
1
Select Input AIN5
X
X
1
0
0
Select Input AIN6
X
X
1
0
1
Select Input AIN7
X
X
1
1
0
Select Input AIN8
X
X
1
1
1
Table 2. Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com