Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8820AS Datasheet(PDF) 5 Page - Exar Corporation

Part # MP8820AS
Description  8-Bit Analog-to-Digital Converter with an 8-Channel MUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8820AS Datasheet(HTML) 5 Page - Exar Corporation

  MP8820AS Datasheet HTML 1Page - Exar Corporation MP8820AS Datasheet HTML 2Page - Exar Corporation MP8820AS Datasheet HTML 3Page - Exar Corporation MP8820AS Datasheet HTML 4Page - Exar Corporation MP8820AS Datasheet HTML 5Page - Exar Corporation MP8820AS Datasheet HTML 6Page - Exar Corporation MP8820AS Datasheet HTML 7Page - Exar Corporation MP8820AS Datasheet HTML 8Page - Exar Corporation MP8820AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP8820
5
Rev. 1.00
THEORY OF OPERATION
The defining feature of the MP8820 is that it digitizes a bipolar
input signal centered around a given voltage, VMID. The peak to
peak swing of AIN is defined by the two input reference voltages,
VREF(+) and VREF(–).
The MP8820 takes in the center voltage and the two refer-
ence voltages and moves the resistor ladder endpoints VRT and
VRB of the ADC around VMID by (VREF(+) – VREF(–)). In this
way, a unipolar to bipolar translation can take place without hav-
ing to use both a positive and negative supply. The center volt-
age acts as a bipolar zero and signals that moves below it are
considered negative and signals that exceed it are taken to be
positive. The block diagram is shown in
Figure 1.
AIN0-AIN7
8
3
8
8:1 MUX
T/H
A0-A2
DB0-DB7
WR
AIN
VRT
VMID
VRB
8-Bit
ADC
Control
+
–
G=1
+
–
G=1
+
–
G=1
VMID
VREF(+)
VREF(–)
VDD
GND
Figure 1. MP8820 Block Diagram
Unlike a unipolar system where one end of the ADC’s resistor
ladder is modulated above an offset voltage, both ends of the
MP8820’s reference chain expand or contract around a fixed
VMID. The maximum positive full scale voltage is VRT = VMID +
(VREF(+) – VREF(–)). The maximum negative full scale voltage is
VRB = VMID – (VREF(+) – VREF(–)). This type of translation is par-
ticularly useful in single supply applications where the input is
centered about user specified VMID.
The ideal transfer characteristic of the MP8820 is shown in
Figure 2. An actual transfer characteristic with associated error
terms is shown in
Figure 3.
VIN
VRT = VMID + (VREF(+) – VREF(–))
VRB = VMID = (VREF(+) – VREF(–))
11111111
00000000
CODE
OUT
Figure 2. Ideal Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com