Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8820AS Datasheet(PDF) 6 Page - Exar Corporation

Part # MP8820AS
Description  8-Bit Analog-to-Digital Converter with an 8-Channel MUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8820AS Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP8820AS Datasheet HTML 2Page - Exar Corporation MP8820AS Datasheet HTML 3Page - Exar Corporation MP8820AS Datasheet HTML 4Page - Exar Corporation MP8820AS Datasheet HTML 5Page - Exar Corporation MP8820AS Datasheet HTML 6Page - Exar Corporation MP8820AS Datasheet HTML 7Page - Exar Corporation MP8820AS Datasheet HTML 8Page - Exar Corporation MP8820AS Datasheet HTML 9Page - Exar Corporation MP8820AS Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP8820
6
Rev. 1.00
VIN
1111111
00000000
CODE
+ Gain Error
+ INL Error
Ideal + Offset
Ideal
Actual
Offset
– Gain Error
– INL Error
Figure 3. Transfer Characteristics
with Error Terms
The sign of the digital output code is determined by whether
the input voltage, AIN, exceeds VMID. If AIN is greater than VMID,
then the seven bit conversion occurs in the positive half of the
transfer function. If AIN is less than VMID, then the translation oc-
curs in the negative half of the transfer function.
Table 1. shows
the digital codes that result from different input voltages.
CODE
AIN
00000000
–FS
00000001
–FS + 1LSB
.
.
.
.
10000000
VMID = BZ
.
.
.
.
11111110
FS – 2LSB
11111111
FS – 1LSB
Table 1. Digital Codes vs. Input Voltage
The MP8820 uses a stand alone
µP interface. The user starts
a conversion by taking WR low. While WR is low, the input track
and hold follows the input voltage, AIN. On the rising edge of
WR, the input is sampled. The rising edge of WR enables a state
machine which steps the ADC through a conversion.
The output port is held in high impedance state during the
conversion period. The operating timing diagrams are shown in
Figure 4.
tAP
tWR
Track AIN for Sample N
Data Valid for Sample N-1
Mux Address Valid
for Sample N
Data Valid for Sample N
TIO
TMH
TMSU
Figure 4. Operating Timing Diagrams
WR
DB0-DB7
A0-A2
tCONV
Analog To Digital Conversion
The MP8820 converts analog voltages into 256 digital codes
by encoding the outputs of 15 coarse and 15 fine comparators.
When WR goes low, the input sample and hold circuitry is en-
abled. The track and hold circuit will follow the output of the 8
channel mux. The channel that is to be converted does not need
to be selected until a time equal to TMSU, or 150 ns, before the
rising edge of WR. So, while WR is low, the track and hold circuit
only has to follow the analog input to be converted for 150 ns.
The analog input is sampled at a time equal to the aperture
delay, TAP, after the rising edge of WR. The aperture delay also
accounts for internal propagation delays. The mux address
lines may also select a new channel at a time equal to TAP follow-
ing the rising edge of WR. For the analog timing diagram, see
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com