Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8820AS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP8820AS
Description  8-Bit Analog-to-Digital Converter with an 8-Channel MUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8820AS Datasheet(HTML) 4 Page - Exar Corporation

  MP8820AS Datasheet HTML 1Page - Exar Corporation MP8820AS Datasheet HTML 2Page - Exar Corporation MP8820AS Datasheet HTML 3Page - Exar Corporation MP8820AS Datasheet HTML 4Page - Exar Corporation MP8820AS Datasheet HTML 5Page - Exar Corporation MP8820AS Datasheet HTML 6Page - Exar Corporation MP8820AS Datasheet HTML 7Page - Exar Corporation MP8820AS Datasheet HTML 8Page - Exar Corporation MP8820AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP8820
4
Rev. 1.00
ELECTRICAL CHARACTERISTICS TABLE
Description
Symbol
Min
Typ
Max
Units
Conditions
DIGITAL CHARACTERISTICS
(CONT’D)
VOL
VOL
0.5
V
@ IOL = 1 mA
VOH
VOH
4.5
@ IOH = 1 mA
IIN-Dig
IDL
–50
50
µA
3-State Leakage
ILK
–50
50
µA
Digital Timing Specifications
For testing, rise time = fall time =
10 ns. Output loading = 50 pF.
Write time (analog input tracking)
tWR
150
ns
Conversion Time
tCONV
500
ns
Input mux set-up time
tMSU
150
ns
Input mux hold time
tMH
50
ns
25
°C
NOTES
1
Maximum input voltage is 1 V less than VDD.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
See timing diagram.
5
Measured as the change in the bipolar zero error over temperature. This error does not include the error introduced by the
external reference drift.
6
This error does not include the error introduced by the external reference drift.
7
INL is measured as a 7-bit +sign ADC with 8-bit resolution.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
VDD to GND
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All Digital Inputs
VDD +0.5 V to GND –0.5 V
. . . . . . . . . . . . .
Storage Temperature
–65 to 150
°C
. . . . . . . . . . . . . . . . . . . .
Lead Temperature (Soldering 10 seconds)
+300
°C
. . . . . . .
ESD Rating
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Power Dissipation Rating @ 75
°C
SSOP, SOIC
1000mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
6mW/
°C
. . . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com