Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8820AS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP8820AS
Description  8-Bit Analog-to-Digital Converter with an 8-Channel MUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8820AS Datasheet(HTML) 1 Page - Exar Corporation

  MP8820AS Datasheet HTML 1Page - Exar Corporation MP8820AS Datasheet HTML 2Page - Exar Corporation MP8820AS Datasheet HTML 3Page - Exar Corporation MP8820AS Datasheet HTML 4Page - Exar Corporation MP8820AS Datasheet HTML 5Page - Exar Corporation MP8820AS Datasheet HTML 6Page - Exar Corporation MP8820AS Datasheet HTML 7Page - Exar Corporation MP8820AS Datasheet HTML 8Page - Exar Corporation MP8820AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP8820
1
Rev. 1.00
8-Bit Analog-to-Digital Converter
with an 8-Channel MUX
FEATURES
• Precision 7–Bit Plus Sign ADC
• 8 Channel Analog Mux
• Single Reference to GND
• Input Referenced to User Supplied VMID
• DNL= ±1/2 LSB, INL=± 1 LSB
• Single Supply: 5 V
• ESD Protection: 2000 V
APPLICATIONS
• Servo Control
• Low Cost Audio Control
• Voice Acquisition
GENERAL DESCRIPTION
The MP8820 is a precision 1.6 MHz sampling 7-bit plus sign
Analog-to-Digital Converter with an eight channel input mux and
µP interface. The device has internal circuitry which receives
the user supplied reference voltages VREF(+) and VREF(–), and
generates the ADC reference voltages VMID  (VREF(+) –
VREF(–)). Since VREF(+) is internally buffered and VREF(–) is gen-
erally ground, this structure allows the user to easily generate an
input range biased about a user-supplied VMID from a grounded
reference source.
The internal ADC reference voltages are capable of swinging
to within 0.5 V of the supply rails, giving the MP8820 a wide
range over which the effective channel gain can be adjusted.
The MP8820 uses a two-step flash conversion technique.
The first section determines the sign and the 3 MSBs while the
second segment converts the 4 LSBs. The ADC conversion be-
gins when WR goes low and the data is valid 500 ns after the
rising edge of WR. The MP8820 operates from a single 5V sup-
ply and consumes only 175mW of power.
Specified for operation over the industrial (–40 to +85
°C)
temperature range, the MP8820 is available in Surface Mount
(SOIC) and Shrunk Small Outline (SSOP) packages.
AIN0-AIN7
8
3
8
8:1 MUX
T/H
A0-A2
DB0-DB7
WR
AIN
VRT
VMID
VRB
8-Bit
ADC
Control
+
–
G=1
+
–
G=1
+
–
G=1
VMID
VREF(+)
VREF(–)
SIMPLIFIED BLOCK DIAGRAM
VDD
GND


Similar Part No. - MP8820AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP88 ETC1-MP88 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
More results

Similar Description - MP8820AS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11_03 Datasheet
3Mb / 268P
8-channel, 8-bit analog-to-digital (A/D) converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com