Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2000 Datasheet(PDF) 48 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 48 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 44Page - Digi International Inc. RCM2000 Datasheet HTML 45Page - Digi International Inc. RCM2000 Datasheet HTML 46Page - Digi International Inc. RCM2000 Datasheet HTML 47Page - Digi International Inc. RCM2000 Datasheet HTML 48Page - Digi International Inc. RCM2000 Datasheet HTML 49Page - Digi International Inc. RCM2000 Datasheet HTML 50Page - Digi International Inc. RCM2000 Datasheet HTML 51Page - Digi International Inc. RCM2000 Datasheet HTML 52Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
44
RabbitCore RCM2000
Table A-1 lists the electrical, mechanical, and environmental specifications for the RCM2000.
Table A-1. RCM2000 Specifications
Parameter
RCM2000
RCM2010
RCM2020
Microprocessor
Rabbit 2000® at 25.8 MHz
Rabbit 2000® at 18.432 MHz
Flash EPROM
256K (supports 128K–512K)
SRAM
512K
128K
Backup Battery
Connection for user-supplied backup battery
(to support RTC and SRAM)
General-Purpose I/O
40 parallel I/0 lines grouped in five 8-bit ports (and shared with serial ports):
• 26 configurable I/O
• 8 fixed inputs
• 6 fixed outputs
Additional Inputs
2 startup mode (for master/slave), reset in
Additional Outputs
Status, clock, watchdog, reset out
Memory, I/O Interface
13 address lines, 8 data lines, I/O read/write, buffer enable
Serial Ports
Four 5 V CMOS-compatible ports.
Two ports are configurable as clocked ports, one is a dedicated RS-232
programming port.
Serial Rate
Maximum burst rate = CLK/32
Maximum sustained rate = CLK/64
Slave Interface
A slave port allows the RCM2000 to be used as an intelligent peripheral
device slaved to a master processor, which may either be another Rabbit
2000 or any other type of processor
Real-Time Clock
Yes
Timers
Five 8-bit timers cascadable in pairs, one 10-bit timer with 2 match registers
that each have an interrupt
Watchdog/Supervisor
Yes
Power
4.75 V to 5.25 V DC, 130 mA
4.75 V to 5.25 V DC, 98 mA
Standby Current
10 µA (typical)
Operating Temperature
–40°C to +85°C
Humidity
5% to 95%, noncondensing
Connectors
Two IDC headers 2 × 20, 2 mm pitch
Board Size
1.90" × 2.30" × 0.55"
(48.3 mm × 58.4 mm × 14 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com