Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2000 Datasheet(PDF) 72 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 72 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 68Page - Digi International Inc. RCM2000 Datasheet HTML 69Page - Digi International Inc. RCM2000 Datasheet HTML 70Page - Digi International Inc. RCM2000 Datasheet HTML 71Page - Digi International Inc. RCM2000 Datasheet HTML 72Page - Digi International Inc. RCM2000 Datasheet HTML 73Page - Digi International Inc. RCM2000 Datasheet HTML 74Page - Digi International Inc. RCM2000 Datasheet HTML 75Page - Digi International Inc. RCM2000 Datasheet HTML 76Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
68
RabbitCore RCM2000
D.1 RS-232/RS-485 Serial Communication
Figure D-1. Sample RS-232 and RS-485 Circuits
Sample Program: PUTS.C in SAMPLES\SERIAL.
VCC
100 nF
100 nF
1
3
4
5
100 nF
100 nF
R2OUT
R2IN
R1OUT
R1IN
T2OUT
T2IN
T1OUT
T1IN
11
10
12
9
14
7
13
8
RXC
RXB
TXC
TXB
PC2
PC5
PC3
PC4
V+
V–
2
6
C1+
C1–
C2+
C2–
J2
18
20
17
19
RS-232
RCM2000
Core Module
J2
3
2
1
4
6
7
A
B
D
R
DE
RE
PC0
PC1
PD5
15
16
28
47 kW
680 W
680 W
220 W
485+
485–
VCC
RS-485
RCM2000
Core Module
SP483EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com