Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2000 Datasheet(PDF) 52 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 52 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 48Page - Digi International Inc. RCM2000 Datasheet HTML 49Page - Digi International Inc. RCM2000 Datasheet HTML 50Page - Digi International Inc. RCM2000 Datasheet HTML 51Page - Digi International Inc. RCM2000 Datasheet HTML 52Page - Digi International Inc. RCM2000 Datasheet HTML 53Page - Digi International Inc. RCM2000 Datasheet HTML 54Page - Digi International Inc. RCM2000 Datasheet HTML 55Page - Digi International Inc. RCM2000 Datasheet HTML 56Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
48
RabbitCore RCM2000
A.3 Rabbit 2000 DC Characteristics
Table A-4 outlines the DC characteristics for the Rabbit 2000 at 5.0 V over the recom-
mended operating temperature range from Ta = –40°C to +85°C, VDD = 4.5 V to 5.5 V.
Table A-4. 5.0 Volt DC Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IIH
Input Leakage High
VIN = VDD, VDD = 5.5 V
10
µA
IIL
Input Leakage Low
(no pull-up)
VIN = VSS, VDD = 5.5 V
-10
µA
IOZ
Output Leakage (no pull-up)
VIN = VDD or VSS,
VDD = 5.5 V
-10
10
µA
VIL
CMOS Input Low Voltage
0.3 x VDD
V
VIH
CMOS Input High Voltage
0.7 x VDD
V
VT
CMOS Switching Threshold VDD = 5.0 V, 25°C
2.4
V
VOL
CMOS Output Low Voltage
IOL = See Table A-5
(sinking)
VDD = 4.5 V
0.2
0.4
V
VOH
CMOS Output High Voltage
IOH = See Table A-5
(sourcing)
VDD = 4.5 V
0.7 x VDD
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com