Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2000 Datasheet(PDF) 6 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 6 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 2Page - Digi International Inc. RCM2000 Datasheet HTML 3Page - Digi International Inc. RCM2000 Datasheet HTML 4Page - Digi International Inc. RCM2000 Datasheet HTML 5Page - Digi International Inc. RCM2000 Datasheet HTML 6Page - Digi International Inc. RCM2000 Datasheet HTML 7Page - Digi International Inc. RCM2000 Datasheet HTML 8Page - Digi International Inc. RCM2000 Datasheet HTML 9Page - Digi International Inc. RCM2000 Datasheet HTML 10Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
2
RabbitCore RCM2000
•
External reset input
•
Reset output
•
Five 8-bit timers, two 10-bit timers; five timers are cascadable in pairs
•
256K flash EPROM, 512K SRAM
•
Real-time clock
•
Watchdog supervisor
•
Provision for customer-supplied backup battery via connections on header J2
•
Four CMOS-compatible serial ports: maximum asynchronous baud rate of 806,400 bps,
maximum synchronous baud rate of 6.45 Mbps. Two ports are configurable as clocked
ports.
Appendix A, “Specifications,” provides detailed specifications for the RCM2000.
Three versions of the RCM2000 are available. Their standard features are summarized in
Table 1.
1.2 Advantages of Using the RCM2000
•
Fast design time for your project since the basic core has already been designed and built.
•
Competitive pricing compared with purchasing and assembling the individual compo-
nents.
•
Easy programming, including production installation of a program.
•
Generous memory size allows large C programs with tens of thousands of lines of code,
and substantial data storage.
Table 1. RCM2000 Models and Features
Model
Features
RCM2000
Full-featured RCM2000 module with 25.8 MHz clock,
256K flash memory, and 512K SRAM
RCM2010
RCM2000 with 25.8 MHz clock and 128K SRAM
RCM2020
RCM2000 with 18.432 MHz clock and 128K SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com