Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2000 Datasheet(PDF) 67 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 67 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 63Page - Digi International Inc. RCM2000 Datasheet HTML 64Page - Digi International Inc. RCM2000 Datasheet HTML 65Page - Digi International Inc. RCM2000 Datasheet HTML 66Page - Digi International Inc. RCM2000 Datasheet HTML 67Page - Digi International Inc. RCM2000 Datasheet HTML 68Page - Digi International Inc. RCM2000 Datasheet HTML 69Page - Digi International Inc. RCM2000 Datasheet HTML 70Page - Digi International Inc. RCM2000 Datasheet HTML 71Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
User’s Manual
63
APPENDIX C. POWER MANAGEMENT
Appendix C describes the RCM2000 power circuitry.
C.1 Power Supplies
The RCM2000 requires a regulated 5 V ± 0.25 V DC power source.
An RCM2000 with no loading at the outputs operating at 18.432 MHz typically draws 88 mA,
and an RCM2000 operating at 25.8048 MHz typically draws 120 mA. The RCM2000 will
consume 13 mA to 15 mA of additional current when the programming cable is used to
connect J3 to a PC.
C.1.1 Batteries and External Battery Connections
The RCM2000 does not have a battery, but there is provision for a customer-supplied bat-
tery to back up SRAM and keep the internal Rabbit 2000 real-time clock running.
Header J2, shown in Figure C-1, allows access to the external battery. This header makes
it possible to connect an external 3 V power supply. This allows the SRAM and the inter-
nal Rabbit 2000 real-time clock to retain data with the RCM2000 powered down.
Figure C-1. External Battery Connections at Header J2
A lithium battery with a nominal voltage of 3 V and a minimum capacity of 165 mA·h is
recommended. A lithium battery is strongly recommended because of its nearly constant
nominal voltage over most of its life.
VCC
VRAM
31
34
32
33
GND
VBAT
External
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com