Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2000 Datasheet(PDF) 77 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 77 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 72Page - Digi International Inc. RCM2000 Datasheet HTML 73Page - Digi International Inc. RCM2000 Datasheet HTML 74Page - Digi International Inc. RCM2000 Datasheet HTML 75Page - Digi International Inc. RCM2000 Datasheet HTML 76Page - Digi International Inc. RCM2000 Datasheet HTML 77Page - Digi International Inc. RCM2000 Datasheet HTML 78Page - Digi International Inc. RCM2000 Datasheet HTML 79Page - Digi International Inc. RCM2000 Datasheet HTML 80Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
User’s Manual
73
INDEX
A
additional information
online documentation .......... 4
B
battery backup
reset generator ................... 65
battery life ............................. 64
bus loading ............................ 46
C
clock doubler ........................ 32
conformal coating ................. 50
D
Development Kit ..................... 3
RCM2000 ............................ 3
digital I/O .............................. 23
I/O buffer sourcing and sink-
ing limits ....................... 49
memory interface .............. 28
SMODE0 .......................... 29
SMODE1 .......................... 29
digital inputs ......................... 27
digital outputs ....................... 27
dimensions
Prototyping Board ............. 55
RCM2000 .......................... 42
Dynamic C ........................ 3, 35
add-on modules ................. 40
features .............................. 14
multitasking ...................... 15
Rabbit Embedded Security
Pack .............................. 40
sample programs ............... 11
break point ..................... 13
editing a program .......... 14
single-stepping .............. 13
watch expressions ......... 13
standard features ............... 36
debugging ...................... 37
telephone-based technical
support .......................... 40
upgrades and patches ........ 40
USB port settings ................ 9
E
EMI
spectrum spreader feature . 33
exclusion zone ...................... 43
F
features .................................... 1
Prototyping Board ............. 54
flash memory addresses
user blocks ........................ 34
H
hardware connections ............. 6
install RCM2000 on Prototyp-
ing Board ........................ 6
power supply ....................... 8
programming cable ............. 7
hardware reset ......................... 8
I
I/O buffer sourcing and sinking
limits ............................. 49
J
jumper configurations ........... 51
JP1 (SRAM size) .............. 51
JP2 (flash memory size) .... 51
JP3 (flash memory bank
select) ...................... 34, 51
jumper locations ................ 51
M
manuals ................................... 4
P
PCLK output ......................... 38
pinout
Prototyping Board ..............59
RCM2000 ..........................24
alternate configurations
...............................25, 26
power supplies
+5 V ...................................63
battery backup ..............63, 64
battery life ..........................64
power supply
connections ..........................8
programming cable
PROG connector ................30
RCM2000 connections ........7
programming port ..................29
Prototyping Board ............53, 54
adding components ............61
dimensions .........................55
features ...............................54
mounting RCM2000 ............6
pinout .................................59
power supply ......................57
prototyping area ...........59, 60
specifications .....................56
R
Rabbit subsystems .................23
RCM2000
mounting on Prototyping
Board ...............................6
reset ..........................................8
S
sample circuits .......................67
D/A converter ....................72
external memory ................71
keypad and LCD connec-
tions ...............................69
LCD connections ...............70
RS-232/RS-485 serial com-
munication .....................68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com