Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW136 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 6Page - Silicon Laboratories AMW136 Datasheet HTML 7Page - Silicon Laboratories AMW136 Datasheet HTML 8Page - Silicon Laboratories AMW136 Datasheet HTML 9Page - Silicon Laboratories AMW136 Datasheet HTML 10Page - Silicon Laboratories AMW136 Datasheet HTML 11Page - Silicon Laboratories AMW136 Datasheet HTML 12Page - Silicon Laboratories AMW136 Datasheet HTML 13Page - Silicon Laboratories AMW136 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
WLAN RF Specifications
ADS-MWx36-102R • AMWx36 Datasheet
Page |5
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
4 WLAN RF Specifications
The AMWx36 WLAN radio specifications are derived from the Cypress CYW43362 WLAN radio specifications.
Unless otherwise stated, the specifications in this section apply when the operating conditions are within the limits
specified in Section 3.2, Recommended Operating Conditions. Functional operation outside these limits is not
guaranteed.
All specifications are measured by disconnecting the PCB antenna and connecting directly to the RF trace.
4.1 Summary WLAN Specifications
Table 7. Summary WLAN Specifications
Feature Supported
Description
WLAN Standard
IEEE 802.11b/g/n 1x1 SISO
Frequency Band
2.400 GHz – 2.484 GHz
WLAN Channels
Channels 1 – 13
Data Rates
802.11b (1, 2, 5.5, 11 Mbps)
802.11g (6, 9, 12, 24, 36, 48, 54 Mbps)
802.11n (HT20 MCS0-MCS7)
Maximum Receive level
@ 2.4GHz
-2.5 dBm @ 1, 2 Mbps (8% PER, 1024 octets)
-8.5 dBm @ 5.5, 11 Mbps (8% PER, 1024 Octets)
-12 dBm @ 6-54 Mbps (10% PER, 1000 Octets)
Maximum RF Tx Output Power
+18 dBm @ 802.11b (EVM < -9 dB)
+14 dBm @ 802.11n MCS7 (EVM < -28 dB)
Carrier Frequency Accuracy
±20 ppm (26MHz crystal with ±10 ppm @ 25C)
4.2 WLAN Receiver Specifications
Table 8. WLAN Receiver Performance Specifications
Parameter
Condition/Notes
Min
Typical
Max
Unit
Frequency Range
–
2400
–
2500
MHz
Operating Temperature1
–
-30
–
+85
°C
Receive Sensitivity2
(8% PER for 1024 octet PSDU)
1 Mbps DSSS
–
-94
-91
dBm
11 Mbps CCK
–
-87
-83
Receive Sensitivity2
(10% PER for 1000 octet
PSDU) at either antenna port3
6 Mbps OFDM
–
-86
-81
dBm
54 Mbps OFDM
–
-73
-69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com