Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW136 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 20Page - Silicon Laboratories AMW136 Datasheet HTML 21Page - Silicon Laboratories AMW136 Datasheet HTML 22Page - Silicon Laboratories AMW136 Datasheet HTML 23Page - Silicon Laboratories AMW136 Datasheet HTML 24Page - Silicon Laboratories AMW136 Datasheet HTML 25Page - Silicon Laboratories AMW136 Datasheet HTML 26Page - Silicon Laboratories AMW136 Datasheet HTML 27Page - Silicon Laboratories AMW136 Datasheet HTML 28Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Packaging, Handling and Storage, RoHS
ADS-MWx36-102R • AMWx36 Datasheet
Page |20
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
8.4 Tape and Reel Specifications
A0
B0
D0
E
F
K0
P
P0
S0
T
W
20.40
±0.10
23.40
±0.10
1.50
±0.10
1.75
±0.10
20.20
±0.10
3.90
±0.10
28.00
±0.10
4.00
±0.10
40.40
±0.15
0.30
±0.05
44.0
±0.30
 All dimensions in mm unless otherwise specified
 Sprocket hole pitch cumulative tolerance ± 0.2mm
 Carrier camber not to exceed 1mm in 100mm
 All dimensions meet EIA-481C requirements
 Material: PS black polystyrene
 Thickness: 0.30 ± 0.05mm
 Packing length per 13” reel: 24.6 meters.
 Component load per 13” reel: 500pcs
 This product conforms to ROHS environmental protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com