Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW136 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 18Page - Silicon Laboratories AMW136 Datasheet HTML 19Page - Silicon Laboratories AMW136 Datasheet HTML 20Page - Silicon Laboratories AMW136 Datasheet HTML 21Page - Silicon Laboratories AMW136 Datasheet HTML 22Page - Silicon Laboratories AMW136 Datasheet HTML 23Page - Silicon Laboratories AMW136 Datasheet HTML 24Page - Silicon Laboratories AMW136 Datasheet HTML 25Page - Silicon Laboratories AMW136 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Regulatory Certification
ADS-MWx36-102R • AMWx36 Datasheet
Page |17
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
7.3 Europe
The AMWx36 module is a Radio Equipment Directive
(RED) assessed radio module that is CE marked and has
been manufactured and tested with the intention of
being integrated into a final product.
The AMW036 and AMW136 modules have been tested
to Radio Equipment Directive (2014/53/EU) and R&TTE
Directive (1999/5/EC).
See:
AMWxx6 Numbat CE Certification Package
Opinion has also been issued.
The R&TTE Compliance Association provides guidance
on modular devices in the document titled Technical
Guidance Note 01.
7.3.1 Labeling and User Information
Requirements
The label on the final product which contains the
AMWx36 module must follow CE marking requirements.
The R&TTE Compliance Association Technical Guidance
Note 01 provides guidance on final product CE marking.
7.3.2 Further Information
Further information may be obtained by searching for:
 European Conference of Postal and
Telecommunications Administrations (CEPT)
 Radio Equipment Directive (RED), which
replaces Radio and Telecommunications
Terminal Equipment (R&TTE)
Table 12. European Compliance Testing
Certification
Standard
Report
Number
Date
Laboratory
Safety
EN
60950-1:2006,
A11:2009,
A1:2010, A12:2011, A2:2013
W6M21410-
14584-L
Jan 15, 2015
Worldwide Testing
Services (Taiwan) Co.,
Ltd.
EMF
EN 62311:2008
EA560122
Jul 1, 2015
Sporton International,
Inc. (Taiwan)
EMC
EN 301 489-1 v2.1.1 (2016-11),
Class B
EN 301 489-17 v3.1.1 (2016-11)
21274926_001
Jul 11, 2017
TÜV Rheinland
EN 55022:2010/AC:2011, Class B
EN 55024:2010
EA560122
Jul 1, 2015
Sporton International,
Inc. (Taiwan)
Radio
EN 300 328 v2.1.1 (2016-11)
21274936_001
Jul 10, 2017
TÜV Rheinland
Notified Body
Opinion
1177
TCF-
1334TC15
Jul 5, 2015
TIMCO Engineering,
Inc.
NOTE: To maintain conformance to the testing listed in
Table 12. European Compliance Testing, the module
shall be installed in accordance with the installation
instructions in this data sheet and shall not be
modified.
When integrating a radio module into a completed
product the integrator becomes the manufacturer of
the final product and is therefore responsible for
demonstrating compliance of the final product with
the essential requirements of the R&TTE Directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com