Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW136 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 16Page - Silicon Laboratories AMW136 Datasheet HTML 17Page - Silicon Laboratories AMW136 Datasheet HTML 18Page - Silicon Laboratories AMW136 Datasheet HTML 19Page - Silicon Laboratories AMW136 Datasheet HTML 20Page - Silicon Laboratories AMW136 Datasheet HTML 21Page - Silicon Laboratories AMW136 Datasheet HTML 22Page - Silicon Laboratories AMW136 Datasheet HTML 23Page - Silicon Laboratories AMW136 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Regulatory Certification
ADS-MWx36-102R • AMWx36 Datasheet
Page |15
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
7.2 Canada
The AMWx36 module has been certified for use in
Canada under Industry Canada (IC) Radio Standards
Specification (RSS) RSS-247 and RSSGen. Modular
approval permits the installation of a module in a host
device without the need to recertify the device.
7.2.1 Labeling and User Information
Requirements
Labeling Requirements for the Host Device (from Section
3.2.1, RSS-Gen): The host device shall be properly
labeled to identify the module within the host device.
The Industry Canada certification label of a module shall
be clearly visible at all times when installed in the host
device, otherwise the host device must be labeled to
display the Industry Canada certification number of the
module, preceded by the words “Contains transmitter
module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
User Manual Notice for License-Exempt Radio Apparatus
(from Section 7.1.3 RSS-Gen): User manuals for license-
exempt radio apparatus shall contain the following or
equivalent notice in a conspicuous location in the user
manual or alternatively on the device or both:
Transmitter Antenna Notification (from Section 7.1.2
RSS-Gen): User manuals for transmitters shall display the
following notice in a conspicuous location:
The above notice may be affixed to the device instead of
displayed in the user manual.
Contains transmitter module IC: 11685A-B5BD9
This device complies with Industry Canada license-
exempt RSS standard(s). Operation is subject to the
following two conditions: (1) this device may not
cause interference, and (2) this device must accept
any interference, including interference that may
cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Industrie
Canada applicables aux appareils radio exempts de
licence. L'exploitation est autorisée aux deux
onditions suivantes: (1) l'appareil ne doit pas
produire de brouillage, et (2) l'utilisateur de l'appareil
doit accepter tout brouillage radioélectrique subi,
meme si le brouillage est susceptible d'en
compromettre le fonctionnement.
Under Industry Canada regulations, this radio
transmitter may only operate using an antenna of a
type and maximum (or lesser) gain approved for the
transmitter by Industry Canada. To reduce potential
radio interference to other users, the antenna type
and its gain should be so chosen that the equivalent
isotropically radiated power (EIRP) is not more than
that necessary for successful communication.
Conformément à la réglementation d'Industrie Can-
ada, le présent émetteur radio peut fonctionner avec
une antenne d'un type et d'un gain maximal (ou
inférieur) approuvé pour l'émetteur par Industrie
Canada. Dans le but de réduire les risques de brouil-
lage radioélectrique à l'intention des autres utilisa-
teurs, il faut choisir le type d'antenne et son gain de
sorte
que
la
puissance
isotrope
rayonnée
équivalente (p.i.r.e.) ne dépasse pas l'intensité
nécessaire à l'établissement d'une communication
satisfaisante.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com