Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW136 Datasheet(PDF) 24 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 20Page - Silicon Laboratories AMW136 Datasheet HTML 21Page - Silicon Laboratories AMW136 Datasheet HTML 22Page - Silicon Laboratories AMW136 Datasheet HTML 23Page - Silicon Laboratories AMW136 Datasheet HTML 24Page - Silicon Laboratories AMW136 Datasheet HTML 25Page - Silicon Laboratories AMW136 Datasheet HTML 26Page - Silicon Laboratories AMW136 Datasheet HTML 27Page - Silicon Laboratories AMW136 Datasheet HTML 28Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Packaging, Handling and Storage, RoHS
ADS-MWx36-102R • AMWx36 Datasheet
Page |19
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
8
Packaging, Handling and Storage, RoHS
8.1 Packaging
Modules are shipped in cut tape, with ESD-safe packaging, or in reels.
For package quantity, see section 9, Ordering Information.
Reels are shipped inside a moisture resistant sealed bag. The shelf life of the sealed reel is 12 months at 40°C and <90%
Relative Humidity (RH). Please refer to the bag seal date and the following section for handling & storage.
Ensure that all modules are managed in accordance with Moisture Sensitive Level 3 (MSL3) per IPC/JEDEC J-STD-20.
AMWx36 modules should be hand-soldered ONLY. If reflow is required, AMWx36 modules must be baked first
according to Joint Industry Standard J-STD-033C.
8.2 Handling & Storage
CAUTION
MSL3 Sensitive Device!
The AMWx36 module is a moisture sensitive device rated at Moisture Sensitive Level 3 (MSL3) per IPC/JEDEC J-STD-
20.
After opening the moisture sealed storage bag, modules that will be subjected to reflow solder or other high
temperature processes must be:
1. mounted to a circuit board within 168 hours at factory conditions (≤30°C and <60% RH)
OR
2. continuously stored per IPC/JEDEC J-STD-033
Modules that have been exposed to moisture and environmental conditions exceeding packaging and storage
conditions MUST be baked before mounting according to IPC/JEDEC J-STD-033.
Failure to meet packaging and storage conditions will result in irreparable damage to modules during solder reflow.
8.3 RoHS Directive
The AMWx36 module is produced according to the RoHS (Restriction of the use of certain Hazardous Substances in
electrical and electronic equipment) directive and complies with the directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com