Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW136 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # AMW136
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 8Page - Silicon Laboratories AMW136 Datasheet HTML 9Page - Silicon Laboratories AMW136 Datasheet HTML 10Page - Silicon Laboratories AMW136 Datasheet HTML 11Page - Silicon Laboratories AMW136 Datasheet HTML 12Page - Silicon Laboratories AMW136 Datasheet HTML 13Page - Silicon Laboratories AMW136 Datasheet HTML 14Page - Silicon Laboratories AMW136 Datasheet HTML 15Page - Silicon Laboratories AMW136 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Pinout and Signal Descriptions
ADS-MWx36-102R • AMWx36 Datasheet
Page |7
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
5 Pinout and Signal Descriptions
5.1 Pinout
A top view of the AMWx36 pinout is depicted in Figure 2.
All dimensions are in thousands of an inch. A
recommended footprint is provided in Section 6.2.
Figure 2. AMWx36 Pinout (TOP View – Pins NOT visible from top!)
5.2 Pin Description
Table 10. AMWx36 ZentriOS Pin Definitions
Pin
Name
Type1
Primary Function
Alternate & Other Function(s)
1-2
GND
S
Ground
-
3
VBAT
S
VBAT MCU supply
-
4
GPIO_0
I/O
Factory Reset2
SPI1_MISO (S), GPIO
5
GPIO_1
I/O
GPIO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com