Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705V8GRS/D Datasheet(PDF) 121 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 117Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 118Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 119Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 120Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 121Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 122Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 123Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 124Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 110
MC68HC705V8 Specification Rev. 2.1
15.3.2
RX BUFFERS
The Rx Buffers consist of two 11-byte arrays, with 8 bits per byte. Only one message may
occupy each Rx Buffer array at any time. Each Rx Buffer array has an internal register (the
’Rx Buffer pointer’) associated with it in which the length of the message body is recorded.
Following a reset, the MDLC has "possession" of the two empty Rx Buffers and their
associated Rx Buffer pointers are both reset to zero. Neither Rx Buffer appears in the
CPU’s memory map at this time, attempts to read them will return undefined data.
As each data byte of an incoming message is received by the MDLC, it is placed into the
next available entry of one of the Rx Buffers and the Rx Buffer pointer is incremented. This
continues until the end of the message is detected or an error occurs.
Figure 15-7:
MDLC Rx/Tx Buffers Outline
Rx Buffer
Array
#1
Rx Buffer
Array
#2
11 bytes
11 bytes
11 bytes
MRSR
MRSR
MTCR
MUX
MUX
MDLC
Rx Logic
MDLC
Tx Logic
To
CPU
From
CPU
MDLC automatically
toggles multiplexer (MUX)
when one buffer is full.
Write to MRSR
"gives back" buffer
Indicates active path
Tx Buffer
Array
to MDLC for Rx.
Write to MTCR
"gives back" buffer
to MDLC for Tx.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com