| Electronic Components Datasheet Search |
|
HC705V8GRS/D Datasheet(PDF) 125 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705V8GRS/D Datasheet(HTML) 125 Page - NXP Semiconductors |
|
125 / 172 page ![]() SECTION 15: MESSAGE DATA LINK CONTROLLER Page 114 MC68HC705V8 Specification Rev. 2.1 15.4.2 Rx & Tx SHIFT REGISTERS The Rx Shift Register gathers received serial data bits from the J1850 bus and makes them available in parallel form to the Rx Buffer. The Tx Shift Register takes data, in parallel form, from the Tx Buffer and presents it serially to the State Machine so that it can be transmitted onto the J1850 bus. 15.4.3 STATE MACHINE All of the functions associated with performing the protocol are executed or controlled by the State Machine. The State Machine is responsible for framing, collision detection, arbitration, CRC generation/checking, and error detection. The following sections describe the MDLC’s actions in a variety of situations. 15.4.3.1 In-Frame Response The MDLC does not support the In-Frame Response (IFR) feature of J1850. If the MDLC receives an IFR, it will ignore the response (not placing it in an Rx Buffer) and wait for the End of Frame (EOF) symbol. 15.4.3.2 4x Speed Mode The MDLC can exist on the same J1850 bus as modules which use a special 4x mode of J1850 VPW operation. The MDLC treats 4x mode messages as noise and ignores them. The MDLC will wait for a valid SOF or BREAK at 10.4 kbps to resume normal operation. 15.4.3.3 Block Mode While the MDLC can only transmit a maximum of 12 bytes (including CRC byte) in a given message, it has the ability to receive a message of unlimited length. Like 4x mode, the programmer will have to determine from a received message that Block mode is to be enabled. The programmer then sets the “Receive Block Message” (RXBM) bit in the MDLC Control Register (MCR) to indicate to the MDLC that the following message will be longer than 12 bytes and not to treat it as a message over length error. 15.4.3.4 Arbitration Arbitration is performed by the MDLC simply by comparing the data being received from the J1850 bus with the data being transmitted. This is done by latching the data being transmitted into a comparator, where it is compared with the data being received from the J1850 bus. If a valid data bit is received which has a higher priority over what was transmitted (0 over 1), arbitration is then lost, and the transmitter stops transmitting until a valid EOF symbol is received from the J1850 bus. See 15.5.5 MESSAGE ARBITRATION for more information. If an invalid bit or a symbol in a non-byte boundary is detected, the transmitter will also stop transmitting. In VPW, an active signal will always dominate a passive one, and a shorter passive symbol will dominate a longer passive symbol. This ensures that a logic zero will dominate a logic one, and the message with the highest priority (lowest value) will win arbitration. See 15.5.5 MESSAGE ARBITRATION for more details. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |