| Electronic Components Datasheet Search |
|
DSP56307/D Datasheet(PDF) 27 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56307/D Datasheet(HTML) 27 Page - Motorola, Inc |
|
27 / 156 page ![]() Signals/Connections Enhanced Synchronous Serial Interface 0 MOTOROLA DSP56307 Technical Data 1-21 SC02 PC2 Input/ Output Input or Output Input Serial Control Signal 2 ÑSC02 is used for frame sync I/O. SC02 is the frame sync for both the transmitter and receiver in synchronous mode, and for the transmitter only in asynchronous mode. When configured as an output, this signal is the internally generated frame sync signal. When configured as an input, this signal receives an external frame sync signal for the transmitter (and the receiver in synchronous operation). Port C 2 ÑThe default configuration following reset is GPIO input PC2. When configured as PC2, signal direction is controlled through PRR0. The signal can be configured as an ESSI signal SC02 through PCR0. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. SCK0 PC3 Input/ Output Input or Output Input Serial Clock ÑSCK0 is a bidirectional Schmitt-trigger input signal providing the serial bit rate clock for the ESSI. The SCK0 is a clock input or output, used by both the transmitter and receiver in synchronous modes or by the transmitter in asynchronous modes. Although an external serial clock can be independent of and asynchronous to the DSP system clock, it must exceed the minimum clock cycle time of 6T (i.e., the system clock frequency must be at least three times the external ESSI clock frequency). The ESSI needs at least three DSP phases inside each half of the serial clock. Port C 3 ÑThe default configuration following reset is GPIO input PC3. When configured as PC3, signal direction is controlled through PRR0. The signal can be configured as an ESSI signal SCK0 through PCR0. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. Table 1-11 Enhanced Synchronous Serial Interface 0 (Continued) Signal Name Type State During Reset Signal Description Not Recommended for New Design |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |