Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56307/D Datasheet(PDF) 97 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 97 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 93Page - Motorola, Inc DSP56307/D Datasheet HTML 94Page - Motorola, Inc DSP56307/D Datasheet HTML 95Page - Motorola, Inc DSP56307/D Datasheet HTML 96Page - Motorola, Inc DSP56307/D Datasheet HTML 97Page - Motorola, Inc DSP56307/D Datasheet HTML 98Page - Motorola, Inc DSP56307/D Datasheet HTML 99Page - Motorola, Inc DSP56307/D Datasheet HTML 100Page - Motorola, Inc DSP56307/D Datasheet HTML 101Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 156 page
background image
Specifications
SCI Timing
MOTOROLA
DSP56307 Technical Data
2-61
SCI TIMING
Table 2-20
SCI Timing
No.
Characteristics1
Symbol
Expression
100 MHz
Unit
Min Max
400 Synchronous clock cycle
tSCC
2
8
× T
C
80.0
Ñ
ns
401 Clock low period
Ñ
tSCC/2 − 10.0
30.0
Ñ
ns
402 Clock high period
Ñ
tSCC/2 − 10.0
30.0
Ñ
ns
403 Output data setup to clock falling
edge (internal clock)
ÑtSCC/4 + 0.5 × TC −17.0
8.0
Ñ
ns
404 Output data hold after clock
rising edge (internal clock)
ÑtSCC/4 − 0.5 × TC
15.0
Ñ
ns
405 Input data setup time before
clock rising edge (internal clock)
ÑtSCC/4 + 0.5 × TC + 25.0 50.0
Ñ
ns
406 Input data not valid before clock
rising edge (internal clock)
ÑtSCC/4 + 0.5 × TC − 5.5
Ñ
19.5
ns
407 Clock falling edge to output data
valid (external clock)
Ñ
Ñ
Ñ
32.0
ns
408 Output data hold after clock
rising edge (external clock)
ÑTC + 8.0
18.0
Ñ
ns
409 Input data setup time before
clock rising edge (external clock)
Ñ
Ñ
0.0
Ñ
ns
410 Input data hold time after clock
rising edge (external clock)
Ñ
Ñ
9.0
Ñ
ns
411 Asynchronous clock cycle
tACC
3
64
× T
C
640.0
Ñ
ns
412 Clock low period
Ñ
tACC/2 − 10.0
310.0
Ñ
ns
413 Clock high period
Ñ
tACC/2 − 10.0
310.0
Ñ
ns
414 Output data setup to clock rising
edge (internal clock)
ÑtACC/2 − 30.0
290.0
Ñ
ns
415 Output data hold after clock
rising edge (internal clock)
ÑtACC/2 − 30.0
290.0
Ñ
ns
Notes:
1.
VCCQL = 2.5 V ± 0.25 V; TJ = −40ûC to +100 ûC, CL = 50 pF
2.
tSCC = synchronous clock cycle time (For internal clock, tSCC is determined by the SCI
clock control register and TC.)
3.
tACC = asynchronous clock cycle time; value given for 1x Clock mode (For internal clock,
tACC is determined by the SCI clock control register and TC.)
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com