Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56307/D Datasheet(PDF) 5 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 5 Page - Motorola, Inc

  DSP56307/D Datasheet HTML 1Page - Motorola, Inc DSP56307/D Datasheet HTML 2Page - Motorola, Inc DSP56307/D Datasheet HTML 3Page - Motorola, Inc DSP56307/D Datasheet HTML 4Page - Motorola, Inc DSP56307/D Datasheet HTML 5Page - Motorola, Inc DSP56307/D Datasheet HTML 6Page - Motorola, Inc DSP56307/D Datasheet HTML 7Page - Motorola, Inc DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 156 page
background image
DSP56307
Target Applications
MOTOROLA
DSP56307 Technical Data
v
On-Chip Peripherals
¥
Enhanced DSP56000-like 8-bit parallel host interface (HI08) supports a variety of buses
(e.g., ISA) and provides glueless connection to a number of industry-standard
microcomputers, microprocessors, and DSPs
¥
Two enhanced synchronous serial interfaces (ESSI), each with one receiver and three
transmitters (allows six-channel home theater)
¥
Serial communications interface (SCI) with baud rate generator
¥
Triple timer module
¥
Up to 34 programmable general purpose input/output (GPIO) pins, depending on which
peripherals are enabled
Reduced Power Dissipation
¥
Very low power CMOS design
¥
Wait and Stop low-power standby modes
¥
Fully static logic, operation frequency down to 0 Hz (dc)
¥
Optimized power management circuitry (instruction-dependent, peripheral-dependent,
and mode-dependent)
TARGET APPLICATIONS
The DSP56307 is intended for applications requiring a large amount of on-chip memory, such as
wireless infrastructure applications. The EFCOP may be used to accelerate general filtering
applications, such as echo-cancellation applications, correlation, and general purpose
convolution-based algorithms.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com