Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56307/D Datasheet(PDF) 17 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 17 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 13Page - Motorola, Inc DSP56307/D Datasheet HTML 14Page - Motorola, Inc DSP56307/D Datasheet HTML 15Page - Motorola, Inc DSP56307/D Datasheet HTML 16Page - Motorola, Inc DSP56307/D Datasheet HTML 17Page - Motorola, Inc DSP56307/D Datasheet HTML 18Page - Motorola, Inc DSP56307/D Datasheet HTML 19Page - Motorola, Inc DSP56307/D Datasheet HTML 20Page - Motorola, Inc DSP56307/D Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 156 page
background image
Signals/Connections
Interrupt and Mode Control
MOTOROLA
DSP56307 Technical Data
1-11
INTERRUPT AND MODE CONTROL
The interrupt and mode control signals select the chipÕs operating mode as it comes out
of hardware reset. After RESET is deasserted, these inputs are hardware interrupt
request lines.
Table 1-9
Interrupt and Mode Control
Signal Name
Type
State During
Reset
Signal Description
RESET
Input
Input
Reset
ÑRESET is an active-low, Schmitt-trigger input.
Deassertion of RESET is internally synchronized to
CLKOUT. When asserted, the chip is placed in the
Reset state and the internal phase generator is reset.
The Schmitt-trigger input allows a slowly rising input
(such as a capacitor charging) to reset the chip
reliably. If RESET is deasserted synchronous to
CLKOUT, exact start-up timing is guaranteed,
allowing multiple processors to start synchronously
and operate together in Òlock-step.Ó When the RESET
signal is deasserted, the initial chip operating mode is
latched from the MODA, MODB, MODC, and MODD
inputs. The RESET signal must be asserted after
power up.
MODA
IRQA
Input
Input
Input
Mode Select A
ÑMODA is an active-low
Schmitt-trigger input, internally synchronized to
CLKOUT. MODA, MODB, MODC, and MODD select
one of 16 initial chip operating modes, latched into the
OMR when the RESET signal is deasserted.
External Interrupt Request A
ÑAfter reset, this input
becomes a level-sensitive or negative-edge-triggered,
maskable interrupt request input during normal
instruction processing. If IRQA is asserted
synchronous to CLKOUT, multiple processors can be
resynchronized using the WAIT instruction and
asserting IRQA to exit the wait state. If the processor is
in the stop standby state and IRQA is asserted, the
processor will exit the stop state.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com