Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6366TCX Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 43Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 44Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 45Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 46Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 47Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 48Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 49Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 50Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
DocID031156 Rev 1
47/116
STM8AF6388
Memory and register map
114
0x00 5250
TIM1
TIM1_CR1
TIM1 control register 1
0x00
0x00 5251
TIM1_CR2
TIM1 control register 2
0x00
0x00 5252
TIM1_SMCR
TIM1 slave mode control register
0x00
0x00 5253
TIM1_ETR
TIM1 external trigger register
0x00
0x00 5254
TIM1_IER
TIM1 Interrupt enable register
0x00
0x00 5255
TIM1_SR1
TIM1 status register 1
0x00
0x00 5256
TIM1_SR2
TIM1 status register 2
0x00
0x00 5257
TIM1_EGR
TIM1 event generation register
0x00
0x00 5258
TIM1_CCMR1
TIM1 capture/compare mode register 1
0x00
0x00 5259
TIM1_CCMR2
TIM1 capture/compare mode register 2
0x00
0x00 525A
TIM1_CCMR3
TIM1 capture/compare mode register 3
0x00
0x00 525B
TIM1_CCMR4
TIM1 capture/compare mode register 4
0x00
0x00 525C
TIM1_CCER1
TIM1 capture/compare enable register 1
0x00
0x00 525D
TIM1_CCER2
TIM1 capture/compare enable register 2
0x00
0x00 525E
TIM1_CNTRH
TIM1 counter high
0x00
0x00 525F
TIM1_CNTRL
TIM1 counter low
0x00
0x00 5260
TIM1_PSCRH
TIM1 prescaler register high
0x00
0x00 5261
TIM1_PSCRL
TIM1 prescaler register low
0x00
0x00 5262
TIM1_ARRH
TIM1 auto-reload register high
0xFF
0x00 5263
TIM1_ARRL
TIM1 auto-reload register low
0xFF
0x00 5264
TIM1_RCR
TIM1 repetition counter register
0x00
0x00 5265
TIM1_CCR1H
TIM1 capture/compare register 1 high
0x00
0x00 5266
TIM1_CCR1L
TIM1 capture/compare register 1 low
0x00
0x00 5267
TIM1_CCR2H
TIM1 capture/compare register 2 high
0x00
0x00 5268
TIM1_CCR2L
TIM1 capture/compare register 2 low
0x00
0x00 5269
TIM1_CCR3H
TIM1 capture/compare register 3 high
0x00
0x00 526A
TIM1_CCR3L
TIM1 capture/compare register 3 low
0x00
0x00 526B
TIM1_CCR4H
TIM1 capture/compare register 4 high
0x00
0x00 526C
TIM1_CCR4L
TIM1 capture/compare register 4 low
0x00
0x00 526D
TIM1_BKR
TIM1 break register
0x00
0x00 526E
TIM1_DTR
TIM1 dead-time register
0x00
0x00 526F
TIM1_OISR
TIM1 output idle state register
0x00
0x00 5270 to
0x00 52FF
Reserved area (147 bytes)
Table 12. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com