Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6366TCX Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 62Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 63Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 64Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 65Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 66Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 67Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 68Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 69Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
Electrical characteristics
STM8AF6388
66/116
DocID031156 Rev 1
Table 27. Programming current consumption
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(PROG)
Programming current
VDD = 5 V, -40 °C to 150 °C, erasing
and programming data or Flash
program memory
1.0
1.7
mA
Table 28. Typical peripheral current consumption VDD = 5.0 V(1)
Symbol
Parameter
Typ.
fmaster = 2 MHz
Typ.
fmaster = 16 MHz
Typ.
fmaster =24 MHz
Unit
IDD(TIM1)
TIM1 supply current(2)
0.03
0.23
0.34
mA
IDD(TIM2)
TIM2 supply current (2)
0.02
0.12
0.19
IDD(TIM3)
TIM3 supply current(2)
0.01
0.1
0.16
IDD(TIM4)
TIM4 supply current(2)
0.004
0.03
0.05
IDD(USART)
USART supply current(2)
0.03
0.09
0.15
IDD(LINUART) LINUART supply current(2)
0.03
0.11
0.18
IDD(SPI)
SPI supply current(2)
0.01
0.04
0.07
IDD(I2C)
I2C supply current(2)
0.02
0.06
0.91
IDD(AWU)
AWU supply current(2)
0.003
0.02
0.05
IDD(TOT_DIG) All digital peripherals on
0.22
1
2.4
IDD(ADC)
ADC supply current when
converting(3)
0.93
0.95
0.96
1. Typical values not tested in production. Since the peripherals are powered by an internally regulated, constant digital
supply voltage, the values are similar in the full supply voltage range.
2. Data based on a differential IDD measurement between no peripheral clocked and a single active peripheral. This
measurement does not include the pad toggling consumption.
3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com