Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6366TCX Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 12Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 13Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 14Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 15Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 16Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 17Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 18Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 19Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
Product overview
STM8AF6388
16/116
DocID031156 Rev 1
5.4.2
Write protection (WP)
Write protection in application mode is intended to avoid unintentional overwriting of the
memory. The write protection can be removed temporarily by executing a specific sequence
in the user software.
5.4.3
Protection of user boot code (UBC)
If the user chooses to update the Flash program memory using a specific boot code to
perform in application programming (IAP), this boot code needs to be protected against
unwanted modification.
In the STM8A a memory area of up to 128 Kbytes can be protected from overwriting at user
option level. Other than the standard write protection, the UBC protection can exclusively be
modified via the debug interface, the user software cannot modify the UBC protection
status.
The UBC memory area contains the reset and interrupt vectors and its size can be adjusted
in increments of 512 bytes by programming the UBC and NUBC option bytes
(see Section 9: Option bytes on page 54).
Figure 2. Flash memory organization of STM8A products
5.4.4
Read-out protection (ROP)
The STM8A provides a read-out protection of the code and data memory which can be
activated by an option byte setting (see the ROP option byte in section 10).
The read-out protection prevents reading and writing Flash program memory, data memory
and option bytes via the debug module and SWIM interface. This protection is active in all
device operation modes. Any attempt to remove the protection by overwriting the ROP
option byte triggers a global erase of the program and data memory.
UBC area
Flash program memory area
Data memory area
Remains write protected during IAP
Data
EEPROM
memory
Write access possible for IAP
Option bytes
Programmable
area from 1 Kbyte
(first two pages) up to
program memory end -
maximum 128 Kbyte
Flash program
memory
MS38339V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com