Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6366TCX Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 64Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 65Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 66Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 67Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 68Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 69Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 70Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 71Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 116 page
background image
Electrical characteristics
STM8AF6388
68/116
DocID031156 Rev 1
10.3.3
External clock sources and timing characteristics
HSE external clock
An HSE clock can be generated by feeding an external clock signal of up to 24 MHz to the
OSCIN pin.
Clock characteristics are subject to general operating conditions for VDD and TA.
Figure 19. HSE external clock source
HSE crystal/ceramic resonator oscillator
The HSE clock can be supplied using a crystal/ceramic resonator oscillator of up to 24 MHz.
All the information given in this paragraph is based on characterization results with specified
typical external components. In the application, the resonator and the load capacitors have
to be placed as close as possible to the oscillator pins in order to minimize output distortion
and startup stabilization time. Refer to the crystal resonator manufacturer for more details
(frequency, package, accuracy...).
Table 29. HSE external clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
TA = -40 °C to 150 °C
0(1)
-24
MHz
VHSEdHL
Comparator hysteresis
-
0.1 x VDD
--
V
VHSEH
OSCIN high-level input pin
voltage
-
0.7 x VDD
-VDD
VHSEL
OSCIN low-level input pin
voltage
-VSS
-
0.3 x VDD
ILEAK_HSE OSCIN input leakage current
VSS < VIN < VDD
-1
-
+1
µA
1. If CSS is used, the external clock must have a frequency above 500 kHz.
V
HSEH
V HSEL
External clock
source
OSCIN
fHSE
STM8
MS36489V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com