Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6366TCX Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 44Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 45Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 46Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 47Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 48Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 49Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 50Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 51Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
Memory and register map
STM8AF6388
48/116
DocID031156 Rev 1
0x00 5300
TIM2
TIM2_CR1
TIM2 control register 1
0x00
0x00 5301
TIM2_IER
TIM2 interrupt enable register
0x00
0x00 5302
TIM2_SR1
TIM2 status register 1
0x00
0x00 5303
TIM2_SR2
TIM2 status register 2
0x00
0x00 5304
TIM2_EGR
TIM2 event generation register
0x00
0x00 5305
TIM2_CCMR1
TIM2 capture/compare mode register 1
0x00
0x00 5306
TIM2_CCMR2
TIM2 capture/compare mode register 2
0x00
0x00 5307
TIM2_CCMR3
TIM2 capture/compare mode register 3
0x00
0x00 5308
TIM2_CCER1
TIM2 capture/compare enable register 1
0x00
0x00 5309
TIM2_CCER2
TIM2 capture/compare enable register 2
0x00
0x00 530A
TIM2_CNTRH
TIM2 counter high
0x00
0x00 530B
TIM2_CNTRL
TIM2 counter low
0x00
00 530C0x
TIM2_PSCR
TIM2 prescaler register
0x00
0x00 530D
TIM2_ARRH
TIM2 auto-reload register high
0xFF
0x00 530E
TIM2_ARRL
TIM2 auto-reload register low
0xFF
0x00 530F
TIM2_CCR1H
TIM2 capture/compare register 1 high
0x00
0x00 5310
TIM2_CCR1L
TIM2 capture/compare register 1 low
0x00
0x00 5311
TIM2_CCR2H
TIM2 capture/compare reg. 2 high
0x00
0x00 5312
TIM2_CCR2L
TIM2 capture/compare register 2 low
0x00
0x00 5313
TIM2_CCR3H
TIM2 capture/compare register 3 high
0x00
0x00 5314
TIM2_CCR3L
TIM2 capture/compare register 3 low
0x00
0x00 5315 to
0x00 531F
Reserved area (11 bytes)
Table 12. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com