Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6366TCX Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 19Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 20Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 21Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 22Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 23Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 24Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 25Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 26Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
DocID031156 Rev 1
23/116
STM8AF6388
Product overview
114
Detailed feature list:
Full duplex, asynchronous communications
NRZ standard format (mark/space)
High-precision baud rate generator system
Common programmable transmit and receive baud rates up to fMASTER/16
Programmable data word length (8 or 9 bits)
Configurable stop bits: Support for 1 or 2 stop bits
LIN master mode:
LIN break and delimiter generation
LIN break and delimiter detection with separate flag and interrupt source for
readback checking.
Transmitter clock output for synchronous communication
Separate enable bits for transmitter and receiver
Transfer detection flags:
Receive buffer full
Transmit buffer empty
End of transmission flags
Parity control:
Transmits parity bit
Checks parity of received data byte
Four error detection flags:
Overrun error
Noise error
Frame error
Parity error
Six interrupt sources with flags:
Transmit data register empty
Transmission complete
Receive data register full
Idle line received
Parity error
LIN break and delimiter detection
Two interrupt vectors:
Transmitter interrupt
Receiver interrupt
Reduced power consumption mode
Wakeup from mute mode (by idle line detection or address mark detection)
Two receiver wakeup modes:
Address bit (MSB)
Idle line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com