Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 25Page - Renesas Technology Corp AT25DF321A Datasheet HTML 26Page - Renesas Technology Corp AT25DF321A Datasheet HTML 27Page - Renesas Technology Corp AT25DF321A Datasheet HTML 28Page - Renesas Technology Corp AT25DF321A Datasheet HTML 29Page - Renesas Technology Corp AT25DF321A Datasheet HTML 30Page - Renesas Technology Corp AT25DF321A Datasheet HTML 31Page - Renesas Technology Corp AT25DF321A Datasheet HTML 32Page - Renesas Technology Corp AT25DF321A Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
29
3686I–DFLASH–02/2019
AT25DF321A
If the device is powered-down during the OTP Security Register program cycle, then the contents of the 64-byte user
programmable portion of the OTP Security Register cannot be guaranteed and cannot be programmed again.
The Program OTP Security Register command utilizes the internal 256-buffer for processing. Therefore, the contents of the
buffer will be altered from its previous state when this command is issued.
Figure 10-4.Program OTP Security Register
10.5
Read OTP Security Register
The OTP Security Register can be sequentially read in a similar fashion to the Read Array operation up to the maximum clock
frequency specified by f
MAX. To read the OTP Security Register, the CS pin must first be asserted and the opcode of 77h must
be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the
starting address location of the first byte to read within the OTP Security Register. Following the three address bytes, two
dummy bytes must be clocked into the device before data can be output.
After the three address bytes and the dummy bytes have been clocked in, additional clock cycles will result in OTP Security
Register data being output on the SO pin. When the last byte (00007Fh) of the OTP Security Register has been read, the
device will continue reading back at the beginning of the register (000000h). No delays will be incurred when wrapping
around from the end of the register to the beginning of the register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can be
deasserted at any time and does not require that a full byte of data be read.
Figure 10-5.
Read OTP Security Register
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
1
0
0
1
1
0
1
1
6
7
5
4
9
8
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
A
A
A
A
A
A
MSB
D
D
D
D
D
D
D
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
D
D
D
D
D
D
D
D
DATA IN BYTE n
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
1
1
1
0
1
1
1
6
7
5
4
10 11
9
8
12
33
36
35
34
31 32
29 30
OPCODE
A
A
A
A
A
A
A
A
A
X
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
D
ADDRESS BITS A23-A0
MSB
X
X
X
X
X
X
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com