Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 41Page - Renesas Technology Corp AT25DF321A Datasheet HTML 42Page - Renesas Technology Corp AT25DF321A Datasheet HTML 43Page - Renesas Technology Corp AT25DF321A Datasheet HTML 44Page - Renesas Technology Corp AT25DF321A Datasheet HTML 45Page - Renesas Technology Corp AT25DF321A Datasheet HTML 46Page - Renesas Technology Corp AT25DF321A Datasheet HTML 47Page - Renesas Technology Corp AT25DF321A Datasheet HTML 48Page - Renesas Technology Corp AT25DF321A Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
45
3686I–DFLASH–02/2019
AT25DF321A
14.9
Output Test Load
15.
AC Waveforms
Figure 15-1.Serial Input Timing
Figure 15-2.Serial Output Timing
DEVICE
UNDER
TEST
15 pF (frequencies above 70 MHz)
or
30pF
CS
SI
SCK
SO
MSB
HIGH-IMPEDANCE
MSB
LSB
tCSLS
tCLKH
tCLKL
tCSHS
tCSHH
tDS
tDH
tCSLH
tCSH
CS
SI
SCK
SO
tV
tCLKH
tCLKL
tDIS
tV
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com