Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 13Page - Renesas Technology Corp AT25DF321A Datasheet HTML 14Page - Renesas Technology Corp AT25DF321A Datasheet HTML 15Page - Renesas Technology Corp AT25DF321A Datasheet HTML 16Page - Renesas Technology Corp AT25DF321A Datasheet HTML 17Page - Renesas Technology Corp AT25DF321A Datasheet HTML 18Page - Renesas Technology Corp AT25DF321A Datasheet HTML 19Page - Renesas Technology Corp AT25DF321A Datasheet HTML 20Page - Renesas Technology Corp AT25DF321A Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
17
3686I–DFLASH–02/2019
AT25DF321A
Figure 8-7. Program/Erase Suspend
8.6
Program/Erase Resume
The Program/Erase Resume command allows a suspended program or erase operation to be resumed and continue
programming a Flash page or erasing a Flash memory block where it left off. As with the Program/Erase Suspend command,
the Write Enable command does not need to be issued prior to the Program/Erase Resume command being issued. Therefore,
the Program/Erase Resume command operates independently of the state of the WEL bit in the Status Register.
To perform a Program/Erase Resume, the CS pin must first be asserted and the opcode of D0h must be clocked into the device.
No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored. When the CS pin
is deasserted, the program or erase operation currently suspended will be resumed within a time of t
RES. The PS bit or the ES
bit in the Status Register will then be reset back to the logical “0” state to indicate that the program or erase operation is no
longer suspended. In addition, the RDY/BSY bit in the Status Register will indicate that the device is busy performing a
program or erase operation. The complete opcode must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no resume operation will be performed.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume command will result in
the program operation resuming first. After the program operation has been completed, the Program/Erase Resume command
must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase Suspend command
will be ignored. Therefore, if a resumed program or erase operation needs to be subsequently suspended again, the system
must either wait the entire t
RES time before issuing the Program/Erase Suspend command, or it must check the status of the
RDY/BSY bit or the appropriate PS or ES bit in the Status Register to determine if the previously suspended program or erase
operation has resumed.
Figure 8-8. Program/Erase Resume
SCK
CS
SI
SO
MSB
2
3
1
0
1
0
1
1
0
0
0
0
6
7
5
4
OPCODE
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
2
3
1
0
1
1
0
1
0
0
0
0
6
7
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com