Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 36Page - Renesas Technology Corp AT25DF321A Datasheet HTML 37Page - Renesas Technology Corp AT25DF321A Datasheet HTML 38Page - Renesas Technology Corp AT25DF321A Datasheet HTML 39Page - Renesas Technology Corp AT25DF321A Datasheet HTML 40Page - Renesas Technology Corp AT25DF321A Datasheet HTML 41Page - Renesas Technology Corp AT25DF321A Datasheet HTML 42Page - Renesas Technology Corp AT25DF321A Datasheet HTML 43Page - Renesas Technology Corp AT25DF321A Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
40
3686I–DFLASH–02/2019
AT25DF321A
12.5
Hold
The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock sequence.
The Hold mode, however, does not have an affect on any internally self-timed operations such as a program or erase cycle.
Therefore, if an erase cycle is in progress, asserting the HOLD pin will not pause the operation, and the erase cycle will
continue until it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated simply by asserting the HOLD
pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, then the Hold mode won’t be started
until the beginning of the next SCK low pulse. The device will remain in the Hold mode as long as the HOLD pin and CS pin
are asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin and the SCK pin will be
ignored. The WP pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low pulse. If the
HOLD pin is deasserted during the SCK high pulse, then the Hold mode won’t end until the beginning of the next SCK low
pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that may have been started will be aborted,
and the device will reset the WEL bit in the Status Register back to the logical “0” state.
Figure 12-5.Hold Mode
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com