Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 28Page - Renesas Technology Corp AT25DF321A Datasheet HTML 29Page - Renesas Technology Corp AT25DF321A Datasheet HTML 30Page - Renesas Technology Corp AT25DF321A Datasheet HTML 31Page - Renesas Technology Corp AT25DF321A Datasheet HTML 32Page - Renesas Technology Corp AT25DF321A Datasheet HTML 33Page - Renesas Technology Corp AT25DF321A Datasheet HTML 34Page - Renesas Technology Corp AT25DF321A Datasheet HTML 35Page - Renesas Technology Corp AT25DF321A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
32
3686I–DFLASH–02/2019
AT25DF321A
11.1.3
WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.4
SWP Bits
The SWP bits provide feedback on the software protection status for the device. There are three possible combinations of the
SWP bits that indicate whether none, some, or all of the sectors have been protected using the Protect Sector command or the
Global Protect feature. If the SWP bits indicate that some of the sectors have been protected, then the individual Sector
Protection Registers can be read with the Read Sector Protection Registers command to determine which sectors are in fact
protected.
11.1.5
WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical “0” state, the
device will not accept any Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown, Freeze Sector
Lockdown State, Program OTP Security Register, or Write Status Register commands. The WEL bit defaults to the logical “0”
state after a device power-up or reset operation. In addition, the WEL bit will be reset to the logical “0” state automatically
under the following conditions:
• Write Disable operation completes successfully
• Write Status Register operation completes successfully or aborts
• Protect Sector operation completes successfully or aborts
• Unprotect Sector operation completes successfully or aborts
• Sector Lockdown operation completes successfully or aborts
• Freeze Sector Lockdown State operation completes successfully or aborts
• Program OTP Security Register operation completes successfully or aborts
• Byte/Page Program operation completes successfully or aborts
• Block Erase operation completes successfully or aborts
• Chip Erase operation completes successfully or aborts
• Hold condition aborts
If the WEL bit is in the logical “1” state, it will not be reset to a logical “0” if an operation aborts due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. In order for the WEL bit to be reset when
an operation aborts prematurely, the entire opcode for a Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector
Lockdown, Freeze Sector Lockdown State, Program OTP Security Register, or Write Status Register command must have
been clocked into the device.
11.1.6
RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the logical “0” state (the default state
after power-up), the Reset command is disabled and any attempts to reset the device using the Reset command will be ignored.
When the RSTE bit is in the logical “1” state, the Reset command is enabled.
The RSTE bit will retain its state as long as power is applied to the device. Once set to the logical “1” state, the RSTE bit will
remain in that state until it is modified using the Write Status Register Byte 2 command or until the device has been power
cycled. The Reset command itself will not change the state of the RSTE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com