Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 16Page - Renesas Technology Corp AT25DF321A Datasheet HTML 17Page - Renesas Technology Corp AT25DF321A Datasheet HTML 18Page - Renesas Technology Corp AT25DF321A Datasheet HTML 19Page - Renesas Technology Corp AT25DF321A Datasheet HTML 20Page - Renesas Technology Corp AT25DF321A Datasheet HTML 21Page - Renesas Technology Corp AT25DF321A Datasheet HTML 22Page - Renesas Technology Corp AT25DF321A Datasheet HTML 23Page - Renesas Technology Corp AT25DF321A Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
20
3686I–DFLASH–02/2019
AT25DF321A
Figure 9-3. Protect Sector
9.4
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address will reset the corresponding Sector Protection Register to
the logical “0” state (see Table 9-1 for Sector Protection Register values). Every physical sector of the device has a
corresponding single-bit Sector Protection Register that is used to control the software protection of a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a logical “1”. To issue the Unprotect Sector command, the CS pin must first be asserted and
the opcode of 39h must be clocked into the device. After the opcode has been clocked in, the three address bytes designating
any address within the sector to be unprotected must be clocked in. Any additional data clocked into the device after the
address bytes will be ignored. When the CS pin is deasserted, the Sector Protection Register corresponding to the sector
addressed by A23-A0 will be reset to the logical “0” state, and the sector itself will be unprotected. In addition, the WEL bit in
the Status Register will be reset back to the logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation, the state of the
Sector Protection Register will be unchanged, and the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Protection Registers can themselves
be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status Register (please refer to the
Status Register description for more details). If the Sector Protection Registers are locked, then any attempts to issue the
Unprotect Sector command will be ignored, and the device will reset the WEL bit in the Status Register back to a logical “0”
and return to the idle state once the CS pin has been deasserted.
Figure 9-4. Unprotect Sector
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
1
1
0
1
1
0
6
7
5
4
10 11
9
8
12
31
29 30
27 28
26
OPCODE
A
A
A
A
A
A
A
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
1
1
1
0
0
1
6
7
5
4
10 11
9
8
12
31
29 30
27 28
26
OPCODE
A
A
A
A
A
A
A
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com