Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHBTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 43Page - STMicroelectronics ASM330LHBTR Datasheet HTML 44Page - STMicroelectronics ASM330LHBTR Datasheet HTML 45Page - STMicroelectronics ASM330LHBTR Datasheet HTML 46Page - STMicroelectronics ASM330LHBTR Datasheet HTML 47Page - STMicroelectronics ASM330LHBTR Datasheet HTML 48Page - STMicroelectronics ASM330LHBTR Datasheet HTML 49Page - STMicroelectronics ASM330LHBTR Datasheet HTML 50Page - STMicroelectronics ASM330LHBTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 131 page
background image
9.12
CTRL1_XL (10h)
Accelerometer control register 1 (R/W)
Table 41. CTRL1_XL register
ODR_XL3
ODR_XL2
ODR_XL1
ODR_XL0
FS1_XL
FS0_XL
LPF2_XL_EN
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 42. CTRL1_XL register description
ODR_XL[3:0]
Accelerometer ODR selection (see Table 43)
FS[1:0]_XL
Accelerometer full-scale selection. Default value: 00
(00: ±2 g; 01: ±16 g; 10: ±4 g; 11: ±8 g)
LPF2_XL_EN
Accelerometer high-resolution selection
(0: output from first stage digital filtering selected (default);
1: output from LPF2 second filtering stage selected)
Table 43. Accelerometer ODR register setting
ODR_XL3 ODR_XL2 ODR_XL1 ODR_XL0
ODR selection [Hz] when
XL_HM_MODE = 1 in CTRL6_C
(15h)
ODR selection [Hz] when
XL_HM_MODE = 0 in CTRL6_C
(15h)
0
0
0
0
Power-down
Power-down
1
0
1
1
1.6 Hz (low power only)
N.A.
0
0
0
1
12.5 Hz (low power)
12.5 Hz (high performance)
0
0
1
0
26 Hz (low power)
26 Hz (high performance)
0
0
1
1
52 Hz (low power)
52 Hz (high performance)
0
1
0
0
104 Hz (low power)
104 Hz (high performance)
0
1
0
1
208 Hz (low power)
208 Hz (high performance)
0
1
1
0
416 Hz (high performance)
416 Hz (high performance)
0
1
1
1
833 Hz (high performance)
833 Hz (high performance)
1
0
0
0
1.67 kHz (high performance)
1.67 kHz (high performance)
1
0
0
1
Reserved
Reserved
1
0
1
0
Reserved
Reserved
1
1
x
x
Reserved
Reserved
ASM330LHB
CTRL1_XL (10h)
DS13773 - Rev 7
page 47/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com