Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHBTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 73Page - STMicroelectronics ASM330LHBTR Datasheet HTML 74Page - STMicroelectronics ASM330LHBTR Datasheet HTML 75Page - STMicroelectronics ASM330LHBTR Datasheet HTML 76Page - STMicroelectronics ASM330LHBTR Datasheet HTML 77Page - STMicroelectronics ASM330LHBTR Datasheet HTML 78Page - STMicroelectronics ASM330LHBTR Datasheet HTML 79Page - STMicroelectronics ASM330LHBTR Datasheet HTML 80Page - STMicroelectronics ASM330LHBTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 131 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_OUTS11
R
56
01010110
output
FSM_OUTS12
R
57
01010111
output
FSM_OUTS13
R
58
01011000
output
FSM_OUTS14
R
59
01011001
output
FSM_OUTS15
R
5A
01011010
output
FSM_OUTS16
R
5B
01011011
output
RESERVED
-
5C-5E
Reserved
EMB_FUNC_ODR_CFG_B
R/W
5F
01011111
01001011
EMB_FUNC_ODR_CFG_C
R/W
60
01100000
00010101
RESERVED
-
61-66
Reserved
EMB_FUNC_INIT_B
R/W
67
01100111
00000000
MLC0_SRC
R
70
01110000
output
MLC1_SRC
R
71
01110001
output
MLC2_SRC
R
72
01110010
output
MLC3_SRC
R
73
01110011
output
MLC4_SRC
R
74
01110100
output
MLC5_SRC
R
75
01110101
output
MLC6_SRC
R
76
01110110
output
MLC7_SRC
R
77
01110111
output
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
ASM330LHB
Embedded functions register mapping
DS13773 - Rev 7
page 77/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com