Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHBTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 24Page - STMicroelectronics ASM330LHBTR Datasheet HTML 25Page - STMicroelectronics ASM330LHBTR Datasheet HTML 26Page - STMicroelectronics ASM330LHBTR Datasheet HTML 27Page - STMicroelectronics ASM330LHBTR Datasheet HTML 28Page - STMicroelectronics ASM330LHBTR Datasheet HTML 29Page - STMicroelectronics ASM330LHBTR Datasheet HTML 30Page - STMicroelectronics ASM330LHBTR Datasheet HTML 31Page - STMicroelectronics ASM330LHBTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 131 page
background image
6
Functionality
6.1
Operating modes
In the ASM330LHB, the accelerometer and the gyroscope can be turned on/off independently of each other and
are allowed to have different ODRs and power modes.
The ASM330LHB has three operating modes available:
•
only accelerometer active and gyroscope in power-down or sleep mode
•
only gyroscope active and accelerometer in power-down
•
both accelerometer and gyroscope sensors active with independent ODR
The accelerometer is activated from power-down by writing ODR_XL[3:0] in CTRL1_XL (10h) while the gyroscope
is activated from power-down by writing ODR_G[3:0] in CTRL2_G (11h). For combo mode the ODRs are totally
independent.
Note:
If the accelerometer is to be activated in high-performance operating mode while the gyroscope is already
running (that is, the gyroscope is not in power-down mode), proceed as follows:
1.
Disable the accelerometer high-performance operating mode (set the XL_HM_MODE bit to 1 in the
CTRL6_C (15h) register).
2.
Write the CTRL1_XL (10h) register to 50h.
3.
Read the OUTZ_H_A (2Dh) register to clear the XLDA bit in the STATUS_REG (1Eh) register.
4.
Wait for 1/ODR_XL time period or wait until the XLDA bit in the STATUS_REG (1Eh) register becomes
equal to 1.
5.
Enable the accelerometer high-performance operating mode (set the XL_HM_MODE bit to 0 in the
CTRL6_C (15h) register).
6.
Write the CTRL1_XL (10h) register to the desired value.
6.2
Gyroscope power modes
In the ASM330LHB, the gyroscope can be configured in two different operating modes: low-power and high-
performance mode. The operating mode selected depends on the value of the G_HM_MODE bit in CTRL7_G
(16h). If G_HM_MODE is set to 0, high-performance mode is valid for all ODRs (from 12.5 Hz up to 1.67 kHz).
To enable low-power mode, the G_HM_MODE bit has to be set to 1. Low-power mode is available for ODRs
equal to 12.5 Hz, 26 Hz, 52 Hz, 104 Hz and 208 Hz.
6.3
Accelerometer power modes
In the ASM330LHB, the accelerometer can be configured in two different operating modes: low-power and high-
performance mode. The operating mode selected depends on the value of the XL_HM_MODE bit in CTRL6_C
(15h). If XL_HM_MODE is set to 0, high-performance mode is valid for all ODRs (from 12.5 Hz up to 1.67 kHz).
To enable low-power mode, the XL_HM_MODE bit has to be set to 1. Low-power mode is available for ODRs
equal to 1.6 Hz, 12.5 Hz, 26 Hz, 52 Hz, 104 Hz and 208 Hz.
ASM330LHB
Functionality
DS13773 - Rev 7
page 28/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com