Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHBTR Datasheet(PDF) 72 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 68Page - STMicroelectronics ASM330LHBTR Datasheet HTML 69Page - STMicroelectronics ASM330LHBTR Datasheet HTML 70Page - STMicroelectronics ASM330LHBTR Datasheet HTML 71Page - STMicroelectronics ASM330LHBTR Datasheet HTML 72Page - STMicroelectronics ASM330LHBTR Datasheet HTML 73Page - STMicroelectronics ASM330LHBTR Datasheet HTML 74Page - STMicroelectronics ASM330LHBTR Datasheet HTML 75Page - STMicroelectronics ASM330LHBTR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 131 page
background image
9.49
INTERNAL_FREQ_FINE (63h)
Internal frequency register (R)
Table 129. INTERNAL_FREQ_FINE register
FREQ_FINE7 FREQ_FINE6 FREQ_FINE5 FREQ_FINE4 FREQ_FINE3 FREQ_FINE2 FREQ_FINE1 FREQ_FINE0
Table 130. INTERNAL_FREQ_FINE register description
FREQ_FINE[7:0]
Difference in percentage of the effective ODR (and timestamp rate) with respect to the typical. Step: 0.15%.
8-bit format, two's complement.
The formula below can be used to calculate a better estimation of the actual ODR:
ODR_Actual = (6667 + ((0.0015 * INTERNAL_FREQ_FINE) * 6667)) / ODR_Coeff
Selected_ODR
ODR_Coeff
12.5
512
26
256
52
128
104
64
208
32
416
16
833
8
1667
4
The Selected_ODR parameter has to be derived from the ODR_XL selection (Table 42. CTRL1_XL register
description) in order to estimate the accelerometer ODR and from the ODR_G selection (Table 45. CTRL2_G
register description) in order to estimate the gyroscope ODR.
ASM330LHB
INTERNAL_FREQ_FINE (63h)
DS13773 - Rev 7
page 72/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com