Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHBTR Datasheet(PDF) 59 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 55Page - STMicroelectronics ASM330LHBTR Datasheet HTML 56Page - STMicroelectronics ASM330LHBTR Datasheet HTML 57Page - STMicroelectronics ASM330LHBTR Datasheet HTML 58Page - STMicroelectronics ASM330LHBTR Datasheet HTML 59Page - STMicroelectronics ASM330LHBTR Datasheet HTML 60Page - STMicroelectronics ASM330LHBTR Datasheet HTML 61Page - STMicroelectronics ASM330LHBTR Datasheet HTML 62Page - STMicroelectronics ASM330LHBTR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
9.27
OUTX_H_C (23h), OUTX_L_G (22h)
Angular rate sensor pitch axis (X) angular rate output register (R). The value is expressed as a 16-bit word in
two’s complement.
Table 77. OUTX_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 78. OUTX_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 79. OUTX_H_G, OUTX_L_G register description
D[15:0]
Gyroscope pitch axis output expressed in two’s complement
9.28
OUTY_H_G (25h), OUTY_L_G (24h)
Angular rate sensor roll axis (Y) angular rate output register (R). The value is expressed as a 16-bit word in two’s
complement.
Table 80. OUTY_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 81. OUTY_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 82. OUTY_H_G, OUTY_L_G register description
D[15:0]
Gyroscope roll axis output expressed in two’s complement
ASM330LHB
OUTX_H_C (23h), OUTX_L_G (22h)
DS13773 - Rev 7
page 59/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com