Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHBTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 48Page - STMicroelectronics ASM330LHBTR Datasheet HTML 49Page - STMicroelectronics ASM330LHBTR Datasheet HTML 50Page - STMicroelectronics ASM330LHBTR Datasheet HTML 51Page - STMicroelectronics ASM330LHBTR Datasheet HTML 52Page - STMicroelectronics ASM330LHBTR Datasheet HTML 53Page - STMicroelectronics ASM330LHBTR Datasheet HTML 54Page - STMicroelectronics ASM330LHBTR Datasheet HTML 55Page - STMicroelectronics ASM330LHBTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 131 page
background image
9.17
CTRL6_C (15h)
Control register 6 (R/W)
Table 55. CTRL6_C register
TRIG_EN
LVL1_EN
LVL2_EN
XL_HM_
MODE
USR_
OFF_W
FTYPE_2
FTYPE_1
FTYPE_0
Table 56. CTRL6_C register description
TRIG_EN
Enables DEN data edge-sensitive trigger mode. Refer to Table 57.
LVL1_EN
Enables DEN data level-sensitive trigger mode. Refer to Table 57.
LVL2_EN
Enables DEN level-sensitive latched mode. Refer toTable 57.
XL_HM_MODE
Disables high-performance operating mode for accelerometer. Default value: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
USR_OFF_W
Weight of XL user offset bits of registers X_OFS_USR (73h), Y_OFS_USR (74h), Z_OFS_USR (75h)
(0: 2-10 g/LSB;
1: 2-6 g/LSB)
FTYPE[2:0]
Gyroscope low-pass filter (LPF1) bandwidth selection. Table 58 shows the selectable bandwidth values.
Table 57. Trigger mode selection
TRIG_EN, LVL1_EN, LVL2_EN
Trigger mode
100
Edge-sensitive trigger mode is selected
010
Level-sensitive trigger mode is selected
011
Level-sensitive latched mode is selected
110
Level-sensitive FIFO enable mode is selected
Table 58. Gyroscope LPF1 bandwidth selection
FTYPE[2:0]
12.5 Hz
26 Hz
52 Hz
104 Hz
208 Hz
416 Hz
833 Hz
1.67 kHz
000
4.3
8.3
16.7
33
67
133
222
274
001
4.3
8.3
16.7
33
67
128
186
212
010
4.3
8.3
16.7
33
67
112
140
150
011
4.3
8.3
16.7
33
67
134
260
390
100
4.3
8.3
16.7
34
62
86
96
99
101
4.3
8.3
16.9
31
43
48
49
50
110
4.3
8.3
13.4
19
23
24.6
25
25
111
4.3
8.3
9.8
11.6
12.2
12.4
12.6
12.6
ASM330LHB
CTRL6_C (15h)
DS13773 - Rev 7
page 52/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com