Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPS28QSW Datasheet(PDF) 49 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 44Page - STMicroelectronics ILPS28QSW Datasheet HTML 45Page - STMicroelectronics ILPS28QSW Datasheet HTML 46Page - STMicroelectronics ILPS28QSW Datasheet HTML 47Page - STMicroelectronics ILPS28QSW Datasheet HTML 48Page - STMicroelectronics ILPS28QSW Datasheet HTML 49Page - STMicroelectronics ILPS28QSW Datasheet HTML 50Page - STMicroelectronics ILPS28QSW Datasheet HTML 51Page - STMicroelectronics ILPS28QSW Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
9
Register mapping.................................................................28
10
Register description ..............................................................29
10.1
INTERRUPT_CFG (0Bh) ....................................................... 29
10.2
THS_P_L (0Ch)............................................................... 30
10.3
THS_P_H (0Dh) .............................................................. 31
10.4
IF_CTRL (0Eh) ............................................................... 31
10.5
WHO_AM_I (0Fh) ............................................................. 31
10.6
CTRL_REG1 (10h) ............................................................ 32
10.7
CTRL_REG2 (11h) ............................................................ 35
10.8
CTRL_REG3 (12h) ............................................................ 36
10.9
FIFO_CTRL (14h) ............................................................. 37
10.10 FIFO_WTM (15h) ............................................................. 38
10.11 REF_P_L (16h) ............................................................... 38
10.12 REF_P_H (17h)............................................................... 38
10.13 I3C_IF_CTRL (19h) ........................................................... 39
10.14 RPDS_L (1Ah)................................................................ 39
10.15 RPDS_H (1Bh) ............................................................... 40
10.16 INT_SOURCE (24h) ........................................................... 40
10.17 FIFO_STATUS1 (25h) ......................................................... 40
10.18 FIFO_STATUS2 (26h) ......................................................... 41
10.19 STATUS (27h) ................................................................ 41
10.20 PRESS_OUT_XL (28h) ........................................................ 42
10.21 PRESS_OUT_L (29h).......................................................... 42
10.22 PRESS_OUT_H (2Ah) ......................................................... 42
10.23 TEMP_OUT_L (2Bh) .......................................................... 42
10.24 TEMP_OUT_H (2Ch) .......................................................... 43
10.25 FIFO_DATA_OUT_PRESS_XL (78h) ............................................. 43
10.26 FIFO_DATA_OUT_PRESS_L (79h) .............................................. 43
10.27 FIFO_DATA_OUT_PRESS_H (7Ah).............................................. 43
11
Package information..............................................................44
11.1
CCLGA-7L package information ................................................. 44
11.2
CCLGA-7L packing information.................................................. 45
Revision history .......................................................................47
List of tables ..........................................................................50
List of figures..........................................................................51
ILPS28QSW
Contents
DS13905 - Rev 1
page 49/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com