Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPS28QSW Datasheet(PDF) 10 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 6Page - STMicroelectronics ILPS28QSW Datasheet HTML 7Page - STMicroelectronics ILPS28QSW Datasheet HTML 8Page - STMicroelectronics ILPS28QSW Datasheet HTML 9Page - STMicroelectronics ILPS28QSW Datasheet HTML 10Page - STMicroelectronics ILPS28QSW Datasheet HTML 11Page - STMicroelectronics ILPS28QSW Datasheet HTML 12Page - STMicroelectronics ILPS28QSW Datasheet HTML 13Page - STMicroelectronics ILPS28QSW Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
4.2
Absolute maximum ratings
Stress above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device under these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability.
Table 9. Absolute maximum ratings
Symbol
Ratings
Maximumvalue
Unit
VDD
Supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin
-0.3 to VDD+0.3
V
Pwater
Overpressure
1
MPa
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
Note:
Supply voltage on any pin should never exceed 4.8 V.
This device is sensitive to mechanical shock, improper handling can cause permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can cause permanent damage to the part.
ILPS28QSW
Absolute maximum ratings
DS13905 - Rev 1
page 10/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com