Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPS28QSW Datasheet(PDF) 4 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 4 Page - STMicroelectronics

  ILPS28QSW Datasheet HTML 1Page - STMicroelectronics ILPS28QSW Datasheet HTML 2Page - STMicroelectronics ILPS28QSW Datasheet HTML 3Page - STMicroelectronics ILPS28QSW Datasheet HTML 4Page - STMicroelectronics ILPS28QSW Datasheet HTML 5Page - STMicroelectronics ILPS28QSW Datasheet HTML 6Page - STMicroelectronics ILPS28QSW Datasheet HTML 7Page - STMicroelectronics ILPS28QSW Datasheet HTML 8Page - STMicroelectronics ILPS28QSW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
2
Pin description
Figure 3. Pin connections (bottom view)
1
2
3
4
5
6
7
SDA
AH1/QVAR1
SCL
AH2/QVAR2
GND
VDD
Table 1. Pin description
Pin number
Name
Function
1
SDA
I²C / MIPI I3CSM serial data (SDA)
2
AH1/QVAR1
Connect to GND if analog input / Qvar sensing is not needed.
3
SCL
I²C / MIPI I3CSM serial clock (SCL)
4
AH2/QVAR2
Connect to GND if analog input / Qvar sensing is not needed.
5
GND
0 V supply
6
VDD
Power supply
7
PAD2LID
Pad connection to metal lid
ILPS28QSW
Pin description
DS13905 - Rev 1
page 4/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com