Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPS28QSW Datasheet(PDF) 36 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 32Page - STMicroelectronics ILPS28QSW Datasheet HTML 33Page - STMicroelectronics ILPS28QSW Datasheet HTML 34Page - STMicroelectronics ILPS28QSW Datasheet HTML 35Page - STMicroelectronics ILPS28QSW Datasheet HTML 36Page - STMicroelectronics ILPS28QSW Datasheet HTML 37Page - STMicroelectronics ILPS28QSW Datasheet HTML 38Page - STMicroelectronics ILPS28QSW Datasheet HTML 39Page - STMicroelectronics ILPS28QSW Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
10.8
CTRL_REG3 (12h)
Control register 3 (R/W)
7
6
5
4
3
2
1
0
AH_QVAR_EN
0
AH_QVAR_
P_AUTO_EN
0
0
0
0
IF_ADD_INC
AH_QVAR_EN
Enables AH (analog hub) / Qvar functions. Default : 0
(0: disable; 1: enable)
AH_QVAR_P_AUTO_EN
Enables interleaved hardware mode for AH/Qvar and pressure data. Default : 0
(0: disable; 1: enable)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a serial interface (I²C or I3C).
Default value: 1
(0: disable, 1: enable)
The IF_ADD_INC bit enables the address to be automatically incremented during a multiple byte access with a
serial interface (I²C or I3C).
The AH_QVAR_EN bit enables the AH (analog hub) and Qvar functions. The network of external connections and
electrodes must be designed in the final application if these functions need to be enabled. Refer to Figure 15. AH
(analog hub) / Qvar external connections to pin 2, pin 4.
The AH_QVAR_P_AUTO_EN bit enables the interleaved hardware mode: the device alternately generates
pressure data and AH / Qvar data. Before enabling this mode, the device must be configured in power-down
mode and the AH_QVAR_EN bit must be set to 0. This mode applies to both continuous and one-shot mode. The
least significant bit of the output data registers is set to 0 for pressure data and to 1 for AH/Qvar data.
For further information, refer to application note AN5778.
ILPS28QSW
CTRL_REG3 (12h)
DS13905 - Rev 1
page 36/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com