Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPS28QSW Datasheet(PDF) 32 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 28Page - STMicroelectronics ILPS28QSW Datasheet HTML 29Page - STMicroelectronics ILPS28QSW Datasheet HTML 30Page - STMicroelectronics ILPS28QSW Datasheet HTML 31Page - STMicroelectronics ILPS28QSW Datasheet HTML 32Page - STMicroelectronics ILPS28QSW Datasheet HTML 33Page - STMicroelectronics ILPS28QSW Datasheet HTML 34Page - STMicroelectronics ILPS28QSW Datasheet HTML 35Page - STMicroelectronics ILPS28QSW Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
10.6
CTRL_REG1 (10h)
Control register 1 (R/W)
7
6
5
4
3
2
1
0
0
ODR3
ODR2
ODR1
ODR0
AVG2
AVG1
AVG0
ODR[3:0]
Output data rate selection. Default value: 0000
Refer to Table 21.
AVG[2:0]
Average selection. Default value: 000
Refer to Table 22.
Table 21. Output data rate bit configurations
ODR[3:0]
ODR of pressure, temperature, and Qvar
0000
Power-down / one-shot
0001
1 Hz
0010
4 Hz
0011
10 Hz
0100
25 Hz
0101
50 Hz
0110
75 Hz
0111
100 Hz
1000
200 Hz
Table 22. Averaging selection
AVG[2:0]
Averaging of pressure, temperature, and Qvar
000
4
001
8
010
16
011
32
100
64
101
128
111
512
The power consumption of the ILPS28QSW mainly depends on the selected ODR (output data rate) and on
the selected resolution. The user can select the desired ODR and the oversampling frequency for pressure
measurements in the CTRL_REG1 (10h) register. The ODR[3:0] bits are dedicated to the ODR selection, while
the AVG[2:0] bits are used to configure the resolution.
ILPS28QSW
CTRL_REG1 (10h)
DS13905 - Rev 1
page 32/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com