| Electronic Components Datasheet Search |
|
ILPS28QSW Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ILPS28QSW Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 52 page ![]() Table 14. SAD+read/write patterns Command SAD[6:0] R/W SAD + R/W Read 1011100 1 10111001 (B9h) Write 1011100 0 10111000 (B8h) Table 15. Transfer when master is writing one byte to slave Master ST SAD+ W SUB DATA SP Slave SAK SAK SAK Table 16. Transfer when master is writing multiple bytes to slave Master ST SAD+ W SUB DATA DATA SP Slave SAK SAK SAK SAK Table 17. Transfer when master is receiving (reading) one byte of data from slave Master ST SAD+ W SUB SR SAD+ R NMAK SP Slave SAK SAK SAK DATA Table 18. Transfer when master is receiving (reading) multiple bytes of data from slave Master ST SAD+ W SUB SR SAD+ R MAK MAK NMAK SP Slave SAK SAK SAK DATA DATA DATA Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number of bytes transferred per transfer is unlimited. Data is transferred with the most significant bit (MSb) first. If a slave receiver does not acknowledge the slave address (that is, it is not able to receive because it is performing some real-time function), the data line must be kept high by the slave. The master can then abort the transfer. A low to high transition on the SDA line while the SCL line is high is defined as a stop condition. Each data transfer must be terminated by the generation of a stop (SP) condition. In the presented communication format MAK is master acknowledge and NMAK is no master acknowledge. ILPS28QSW I²C serial interface DS13905 - Rev 1 page 25/52 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |