Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983I Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 41Page - STMicroelectronics L6983I Datasheet HTML 42Page - STMicroelectronics L6983I Datasheet HTML 43Page - STMicroelectronics L6983I Datasheet HTML 44Page - STMicroelectronics L6983I Datasheet HTML 45Page - STMicroelectronics L6983I Datasheet HTML 46Page - STMicroelectronics L6983I Datasheet HTML 47Page - STMicroelectronics L6983I Datasheet HTML 48Page - STMicroelectronics L6983I Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Table 9. BOM
Reference
Part number
Description
Value
Manufacturer
U1
L6983NQTR
ST
U2
ZB1346-AE
Transformer
N = 6, 2 kV isolation
Coilcraft
Rs1
0805 SMD resistor
Not mounted
Rs2
0805 SMD resistor
300 Ω
Rb
0603 SMD resistor
0 Ω
Ren1
0603 SMD resistor
100 kΩ
Ren2
0603 SMD resistor
Not mounted
Rfb1
0603 SMD resistor
360 kΩ
Rfb2
0603 SMD resistor
75 kΩ
Rfsw1
0603 SMD resistor
0 Ω
Rfsw2
0603 SMD resistor
Not mounted
Rpg1
0603 SMD resistor
Not mounted
Rpg2
0603 SMD resistor
Not mounted
Rbs
0603 SMD resistor
0 Ω
Rldo
0603 SMD resistor
100 Ω
Cldo
0603 MLCC
1 µF, 50 V
Cff
0603 MLCC
Not mounted
Cbs
0603 MLCC
100 nF, 50 V
Cs1
0603 MLCC
Not mounted
Cs2
0603 MLCC
180 pF, 50 V
Cin1
1206 MLCC
10 µF, 50 V
Cin2, Cin3
0805 MLCC
1 µF, 50 V
Cin4
SMD electrolytic capacitor, 10x10 mm
100 µF, 50 V
Panasonic
Cout, Cout2,
Cout3
1206 MLCC
22 µF, 50 V
Cout4
0603 MLCC
Not mounted
Csec
1206 MLCC
22 µF, 50 V
Cck
0603 MLCC
Not mounted
Cbs
0603 MLCC
Not mounted
D1
STPS1170AY
Schottky diode
VRRM = 170 V, IF = 1 A
ST
EMI input filter
Rf1
0603/0805 SMD resistor
Rf2
0603/0805 SMD resistor
Cf1, Cf2, Cf3
1206 MLCC, 4.7 µF, 50 V
Lf1
MPZ2012S221A
220 Ω Ferrite bead, 100 MHz
Lf2
XGL4030-682ME
6.8 µH coil
Coilcraft
Post regulation circuitry (option 18 V/-5 V)
U3
LDO
Not mounted (DFN6)
ST
R1
0603 SMD resistor
Not mounted (910 Ω)
R2
0603 SMD resistor
Not mounted (220 Ω)
L6983I
Application board
DS14040 - Rev 1
page 45/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com