Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983I Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 35Page - STMicroelectronics L6983I Datasheet HTML 36Page - STMicroelectronics L6983I Datasheet HTML 37Page - STMicroelectronics L6983I Datasheet HTML 38Page - STMicroelectronics L6983I Datasheet HTML 39Page - STMicroelectronics L6983I Datasheet HTML 40Page - STMicroelectronics L6983I Datasheet HTML 41Page - STMicroelectronics L6983I Datasheet HTML 42Page - STMicroelectronics L6983I Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Figure 44. Primary winding current (blue), secondary winding current (magenta) and magnetizing current
(black)
Therefore, setting the current ripple ΔIL, the inductance is so defined:
Lpri= VIN−VOUT_pri∙VOUT_pri
VIN∙fSW∙∆IL
(40)
For example, assuming IOUT_prim = 500 mA, IOUT_sec = 100 mA, N = 6, the current ripple can be set around 30%
of the total current IOUT_pri + N×IOUT_sec = 1.1 A, therefore, 330 mA. If VIN = 12 V, VOUT_prmi = 5 V and fSW = 400
kHz, the inductor value should be 22 µH.
Peak and RMS current
As any inductor, peak and RMS current for each winding must be calculated in order to define saturation and
RMS currents that the transformer should fulfill.
For the primary winding, the equations below are valid:
Ipri_pos_peak=IOUT_pri+IOUT_secN+ΔIpri2
(41)
Ipri_RMS= IOUT_pri+IOUT_secN∙ 1+112∙ ΔIpri∙N
N∙IOUT_pri+IOUT_sec
(42)
For the secondary winding, the peak current can change depending on the leakage inductance. In the image
below secondary winding current waveforms with different leakage inductances are simulated. It is evident
how the peak current can significantly vary. Considering the target leakage inductance value for an iso-buck
(recommended up to 1% of the primary inductance), the waveform can be approximated with a sawtooth shape
and the peak and RMS currents can be hence estimated as:
Isec_pos_peak=2∙IOUT_sec
1−D
(43)
Isec_RMS=Isec_pos_peak∙ 1−D3
(44)
Eq. (43) gives an indication of the peak value. Nevertheless, the waveform can significantly change with the
leakage. Therefore, the measured peak value can differ from the one provided by this equation.
A duty cycle higher than 50-60 % significantly increases the peak current in the secondary winding, therefore
affecting the negative peak current at the primary side.
Windings resistance
Winding resistances should be minimized as much as possible since they affect the secondary output load
regulations. They also contribute to power losses, and so affect the efficiency of the total solution.
L6983I
Transformer selection
DS14040 - Rev 1
page 39/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com